PART |
Description |
Maker |
NCV4276DT33RK NCV4276DS50 NCV4276DS18R4 |
Low-Drop Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.332 V DROPOUT, PSSO4 Low-Drop Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO5 Low-Drop Voltage Regulator 1.8 V FIXED POSITIVE LDO REGULATOR, 2.772 V DROPOUT, PSSO5
|
ON Semiconductor
|
LX8584-XX LX8584-33CP LX8584 LX8584-33CV LX8584B-3 |
7 A LOW DROPOUT POSITIVE REGULATORS 7低压降的正调节器 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSFM3 7 A LOW DROPOUT POSITIVE REGULATORS 2.5 V-3.6 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.4 V DROPOUT, PSFM3 Analog IC CAP 0.15UF 440VAC EMI SUPPRESSN From old datasheet system 7 A LOW DR O P O U T PO S I T I V E RE G U L AT O R S Low Drop Out Regulator - Positive Adjustable Low Drop Out Regulator - Positive Fixed
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LP2951 LP2950-3.3 LP2951-2.85 LP2951-3.3 LP2951-3. |
100mA Low Drop Out Voltage Regulators Portable consumer equipment 100mA Low Drop Out Voltage Regulators Portable consumer equipment
|
First Components International First Components Intern...
|
LX8385-00CP LX8385-00IP LX8385-00CDD LX8385-00IDD |
1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 1.2 V-8 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.5; 5 V FIXED POSITIVE LDO REGULATOR, 1.5 V DROPOUT, PSSO2 Low Drop Out Regulator - Positive Fixed; Package: TO-263_Power; IO (A): 3; VIN (V): 10; DV: 1.3; 5 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 Positive Adjustable Voltage Regulator Analog IC THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS Low Drop Out Regulator - Positive Adjustable
|
MICROSEMI CORP-ANALOG MIXED SIGNAL GROUP Microsemi, Corp.
|
RE031 |
RE031 [Updated 3/03. 10 Pages] A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage. rated for loads of up A dual mode Low Drop Out (LDO) voltage regulator macrocell with a fixed 2.5V output voltage, rated for loads of up to 5 mA. A typical application is real-time clock, backup battery supply in mobile terminals.
|
Atmel
|
LT3020EMS8PBF LT3020IMS8-1.2 LT3020EMS8-1.2PBF LT3 |
100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.8 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 LP3852/LP3855 1.5A Fast Response Ultra Low Dropout Linear Regulators; Package: SOT-223; No of Pins: 5 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 1.5 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8 100mA, Low Voltage, Very Low Dropout Linear Regulators; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C 0.2 V-9.5 V ADJUSTABLE POSITIVE LDO REGULATOR, 0.285 V DROPOUT, PDSO8
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
ILE4278 |
5-V Low-Drop Fixed Voltage Regulator
|
IK Semicon Co., Ltd
|
MIC5200-3.0BM MIC5200-3.0BS MIC5200-3.0YM MIC5200- |
100mA Low-Dropout Regulator IC REG LDO 100MA 3.3V 1% SOT223 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 IC REG LDO 100MA 5.0V 1% 8SOIC 5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8 4.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO4 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO8
|
Micrel Semiconductor, Inc. MICREL INC
|
LX8630-25CP LX8630-33CDD LX8630-00CP |
Low Drop Out Regulator - Positive Fixed Low Drop Out Regulator - Positive Adjustable
|
Microsemi
|
LD1085 LD1085D2M LD1085D2M33R LD1085D2T LD1085D2T3 |
3A Low drop positive voltage regulator adjustable and fixed
|
STMicroelectronics
|
|