PART |
Description |
Maker |
MAX4664 MAX4664CPE MAX4664CSE MAX4664EPE MAX4664ES |
5? Quad, SPST, CMOS Analog Switches 5, Quad, SPST, CMOS Analog Switches 5з, Quad, SPST, CMOS Analog Switches 5 / Quad / SPST / CMOS Analog Switches 5<img src=http://dbserv.maxim-ic.com/images/ohm.gif width=12 height=9.Quad.SPST.CMOS Analog Switches 5 Ohm, Quad, SPST, CMOS Analog Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
ADG613 ADG613YRU ADG612 ADG612YRU ADG611 ADG611YRU |
CMOS ±5 V/5 V/3 V Quad SPST Switches; Package: TSSOP; No of Pins: 16; Temperature Range: Automotive QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/ 5 V/ 3 V Quad SPST Switches 1Chanrge注射剂,100功率放大器泄漏,的CMOS -5第V / 5 3伏四路SPST开 1 pC Chanrge Injection, 100 pA Leakage, CMOS -5 V/ 5 V/ 3 V Quad SPST Switches QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO16 1 pC Chanrge Injection/ 100 pA Leakage/ CMOS -5 V/ 5 V/ 3 V Quad SPST Switches 1pC Charge Injection, 100pA Leakage, CMOS V/5 V/3 V Quad SPST Switches 1pC Charge Injection, 100pA Leakage, CMOS ±5 V/5 V/3 V Quad SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
GXO-U103F GXOU103 GXO-U103 GXO-U103BI |
3.3V Tristate Oscillator
|
Golledge Electronics Ltd
|
CD40175BMS FN3360 |
CMOS Quad D Type Flip-Flop(CMOS D触发 的CMOSD型触发器触发器的CMOS四) CMOS Quad ‘D’ Type Flip-Flop From old datasheet system CMOS Quad ??Type Flip-Flop CMOS Quad ‘D Type Flip-Flop
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL7621 ICL7621DCBA ICL7621DCBA-T ICL7621DCPA ICL7 |
(ICL7621 / ICL7641 / ICL7642) Dual/Quad / Low Power CMOS Operational Amplifiers High-Performance Impact-X<TM> PAL<R> Circuits 20-CFP -55 to 125 Dual/Quad, Low Power CMOS Operational Amplifiers Dual/Quad Low Power CMOS Operational Amplifiers From old datasheet system
|
INTERSIL[Intersil Corporation]
|
74LVC08ATTR 74LVC08A 74LVC08AM 74LVC08AMTR |
LOGIC GATE|QUAD 2-INPUT AND|LVC-CMOS|SOP|14PIN|PLASTIC LOGIC GATE|QUAD 2-INPUT AND|LVC-CMOS|TSSOP|14PIN|PLASTIC 逻辑门|输入与|乐仕全CMOS | TSSOP封装| 14PIN |塑料 LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE HIGH PERFORMANCE
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
PM7226 PM7226A PM7226AFP PM7226AFR PM7226AR PM7226 |
V(dd): 11.4 to 16.5V; V(ss); -5V -10%; quad 8-bit CMOS D/A converter with oltage output. For automatic test equipment, peocess and industrial control, scientific and medical instrumentation, multichannel microprocessors QUAD 8 BIT CMOS D/A CONVERTERS WITH VOLTAGE OUTPUT
|
AD[Analog Devices]
|
AZP94 AZP94NAG AZP94XP |
ECL/PECL ±1, ±2 Clock Generation Chip with Tristate Compatible Outputs
|
Arizona Microtek, Inc.
|
MC74LCX0805 MC74LCX125DG MC74LCX12505 MC74LCX138DR |
Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad Buffer With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS 3-to-8 Decoder/Demultiplexer With 5 V?Tolerant Inputs Dual Low?Voltage CMOS 2?to?4 Decoder/Demultiplexer With 5V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Non?Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs (Inverting) Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V−Tolerant Inputs (Inverting)
|
ONSEMI[ON Semiconductor]
|
DG308BDY DG308BDQ DG308BDQ-T1 |
Analog Switch Quad SPST 16-Pin SOIC N DG308B, DG309B Improved Quad CMOS Analog Switches ANLG SW QUAD SPST 22V/44V 16TSSOP - Tape and Reel
|
Vishay Siliconix
|
AD8661ACPZ-R2 AD8661ACPZ-REEL AD8661ACPZ-REEL7 AD8 |
16 V Precision Quad CMOS Rail - to - Rail Operational Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 1200 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO14 Low Noise, Precision 16 V CMOS, Rail-to-Rail Operational Amplifiers
|
Analog Devices, Inc.
|