PART |
Description |
Maker |
IDT79R3500 |
RISC CPU PROCESSOR RISCore⑩
|
IDT[Integrated Device Technology]
|
HD6437042ACF28 HD6437042AF HD6437042AF28 HD64F7044 |
Renesas 32-Bit Single-Chip RISC Microprocessor SuperH RISC engine Family/SH7040 Series(CPU Core SH-2)
|
RENESAS[Renesas Electronics Corporation]
|
440GX PPC440GX-3CC533S PPC440GX-3CF533C PPC440GX-3 |
Power PC 440GX Embedded Processor 32-BIT, 533 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 400 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 667 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 800 MHz, RISC PROCESSOR, CBGA552 Power PC 440GX Embedded Processor 32-BIT, 667 MHz, RISC PROCESSOR, PBGA552
|
Applied Micro Circuits Corp. Applied Micro Circuits, Corp. APPLIEDMICRO INC
|
HD6417750RBP240V HD6417750SVF133V |
32-BIT, 240 MHz, RISC PROCESSOR, PBGA256 BGA-256 32-BIT, 133 MHz, RISC PROCESSOR, PQFP208
|
|
MPC603E7TE MPC603P MPC603ERX200TX |
PowerPC 603e RISC Microprocessor 32-BIT, 200 MHz, RISC PROCESSOR, CBGA255
|
Motorola FREESCALE SEMICONDUCTOR INC
|
PC7447VGU733LB PC7457VGU700LC |
32-BIT, 733 MHz, RISC PROCESSOR, CBGA360 32-BIT, 700 MHz, RISC PROCESSOR, CBGA483
|
E2V TECHNOLOGIES PLC ATMEL CORP
|
79RC32355-133DHI 79RC32355-150DH 79RC32355-150DHI |
IDT Interprise Integrated Communications Processor 32-BIT, 133 MHz, RISC MICROCONTROLLER, PQFP208 IDT Interprise Integrated Communications Processor 32-BIT, 150 MHz, RISC MICROCONTROLLER, PQFP208 Communications Processor 32-BIT, 180 MHz, RISC PROCESSOR, PQFP208
|
Integrated Device Technology, Inc.
|
PIC16C63T-10/SO PIC16C63T-04/SO PIC16C63T-04E/SO P |
8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PQFP44 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDIP28 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 4 MHz, RISC MICROCONTROLLER, PDSO28 8-BIT, OTPROM, 20 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MQFP-44 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PQFP44 10 X 10 MM, PLASTIC, MS-026, TQFP-44 PIC16C6X Datasheet 8-BIT, OTPROM, 10 MHz, RISC MICROCONTROLLER, PQCC44 8-BIT, MROM, 20 MHz, RISC MICROCONTROLLER, PDIP28 MICROCONTROLLER|8-BIT|PIC CPU|CMOS|SOP|18PIN|PLASTIC 单片机| 8位|知情同意的CPU |的CMOS |专科| 18PIN |塑料 Microcontroller 微控制器 Zero Drift High Side Current Sense Amplifier; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Single/Dual/Quad 60MHz, 20V/µs Low Power, Rail-to-Rail Input and Output Precision Op Amp; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 85°C White LED Driver in SC70 with Integrated Schottky; Package: SC70; No of Pins: 8; Temperature Range: -40°C to 125°C Full-Featured LED Driver with 1.5A Switch Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 125°C Triple Output LED Driver; Package: QFN; No of Pins: 28; Temperature Range: -40°C to 125°C MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|QFP|44PIN|PLASTIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|DIP|40PIN|CERAMIC MICROCONTROLLER|8-BIT|PIC CPU|CMOS|LDCC|44PIN|PLASTIC Photoflash Capacitor Chargers with Automatic Refresh; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C Micropower, Dual and Quad, Single Supply, Precision Op Amps; Package: SO; No of Pins: 14; Temperature Range: -40°C to 85°C
|
Black Box, Corp. Microchip Technology, Inc. Renesas Electronics, Corp. ITT, Corp. 电流感应放大
|
AT75C221 AT75C221-Q208 AT75C221-C256 |
Smart Internet Appliance Processor 32-BIT, 40 MHz, RISC PROCESSOR, PQFP208
|
Atmel Corp. Atmel, Corp.
|
PPC440SP-RFC533C PPC440SP-RFC667C PPC440SP-AFC533C |
PowerPC 440SP Embedded Processor 32-BIT, 667 MHz, RISC PROCESSOR, PBGA783
|
Applied Micro Circuits Corp. Applied Micro Circuits, Corp. APPLIEDMICRO INC
|
|