PART |
Description |
Maker |
IDT74CBTLV16214PV |
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
|
INTEGRATED DEVICE TECHNOLOGY INC
|
MAX4691EBET MAX4692EBET MAX4693EBET MAX4694EBET MA |
Low-Voltage 8:1 Mux/Dual 4:1 Mux/Triple SPDT/ Quad SPDT in UCSP Package
|
Maxim Integrated Products Maxim Integrated Produc...
|
LTC1591-1I LTC1591-1IN LTC1591-1C LTC1591-1IG LTC1 |
8-Bit, 75 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PDIP PWR SUP 30W 5V 7.2A OUTPUT 14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors 14位和16位并低毛刺乘法数模转换器象限电阻
|
Linear Technology Corporation Linear Technology, Corp. http://
|
XRD8799AIQ XRD8799 |
LOW POWER, 2 MSPS, 10-BIT, A/D CONVERTER WITH 8-CHANNEL MUX
|
EXAR[Exar Corporation]
|
PI3CH480 |
Low Voltage, High-Bandwidth, 4-Channel 2:1 Mux/Demux, NanoSwitch
|
Pericom Semiconductor Corp.
|
ADG774A ADG774ABRQ |
Low Voltage 400 MHz Quad 2:1 Mux with 3 ns Switching Time
|
AD[Analog Devices]
|
PI5A4213 PI5A4213GAE |
Low Voltage Dual SP3T Analog Switch3:1 Mux/DeMux Bus Switch
|
Pericom Semiconductor Corporation
|
PI3CH281Z_E PI3CH281 PI3CH281L PI3CH281LE PI3CH281 |
Low Voltage, High Bandwidth, 2-Channel, 4:1 Mux/DeMux, NanoSwitch with Single Enable
|
Pericom Semiconductor Corp. PERICOM[Pericom Semiconductor Corporation]
|
74LVTH322245G 74LVT322245G 74LVTH322245 74LVT32224 |
Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25-Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Ohm Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25 Series Resistors in A Port Outputs Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25з Series Resistors in A Port Outputs LVT SERIES, QUAD 8-BIT TRANSCEIVER, TRUE OUTPUT, PBGA96 Low Voltage 32-Bit Transceiver with 3-STATE Outputs and 25蟹 Series Resistors in A Port Outputs 16K SPI 2K X 8, 32B PAGE, 2.5V SER EE, -40C to 85C, 8-TSSOP, TUBE
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SP9600KN SP9600KS SP9600 SP9600AN SP9600AS SP9600B |
SERIAL INPUT LOADING, 20 us SETTLING TIME, 12-BIT DAC, PDIP8 12-Bit, Low Power Voltage Output D/A Converter 12-Bit Low Power Voltage Output D/A Converter 12-Bit / Low Power Voltage Output D/A Converter
|
SIPEX[Sipex Corporation]
|
MAX535 MAX5351ACPA MAX5351ACUA MAX5351AEPA MAX5351 |
Low-Power 13-Bit Voltage-Output DACs with Serial Interface Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:23-35 RoHS Compliant: No Low-Power / 13-Bit Voltage-Output DACs with Serial Interface Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDSO8 Low-Power, 13-Bit Voltage-Output DACs with Serial Interface SERIAL INPUT LOADING, 16 us SETTLING TIME, 13-BIT DAC, PDIP8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|