PART |
Description |
Maker |
IDT74CBTLV16210 IDT74CBTLV16210PA IDT74CBTLV16210P |
LOW-VOLTAGE 20-BIT BUS SWITCH CBTLV/3B SERIES, DUAL 10-BIT DRIVER, TRUE OUTPUT, PDSO48 LOW-VOLTAGE 20-BIT BUS SWITCH 低电0位总线开
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
CBT16210 CBT16210DL CBT16210DGG CBT16210DL-T |
20-bit bus switch with 10-bit output enables - # of Bits per Enable: 10 ; Description: Bus Switch ; Flow Through Pinout: yes ; Number of bits: 20 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~5.5 VDC CBT16210; 20-bit bus switch with 10-bit output enables
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BYV143-45AM BYV143-45MA BYV143-45RM BYV143-40RM BY |
Very low drop voltage regulators with inhibit IC 16-BIT BUS SWITCH 40BQSOP 20-Bit Bus Switch 30 A, 45 V, SILICON, RECTIFIER DIODE, TO-220AB TO-220, 3 PIN 30 A, 40 V, SILICON, RECTIFIER DIODE, TO-220AB TO-220, 3 PIN 16-Bit Bus Switch w/25 Ohm Resistor 双肖特基二极管中的TO220金属HI.REL应用工具 DUAL SCHOTTKY BARRIER DIODE IN TO220 METAL PACKAGE FOR HI.REL APPLICATIONS 双肖特基二极管中的TO220金属HI.REL应用工具
|
SEMELAB LTD SEME-LAB[Seme LAB] TT electronics Semelab Limited TT electronics Semelab, Ltd.
|
IDT74CBTLV3384PGG8 IDT74CBTLV3384PG8 |
Low-Voltage 10-Bit Bus Switch
|
IDT
|
IDT74CBTLV3861 IDT74CBTLV3861Q8 IDT74CBTLV3861PY8 |
LOW-VOLTAGE 10-BIT BUS SWITCH
|
IDT
|
IDT74CBTLV16210 |
LOW-VOLTAGE 20-BIT BUS SWITCH
|
IDT
|
IDTQS3R861Q IDTQS3R861SO IDTQS3R861QG IDTQS3R861 Q |
10-Bit, 2.5 ohms Resistance Bus Switch QUICKSWITCH PRODUCTS HIGH-SPEED CMOS 10-BIT LOW RESISTANCE BUS SWITCH WITH FLOW-THROUGH PINOUT
|
IDT[Integrated Device Technology]
|
74CBTLVPPG 74CBTLVPPG8 |
LOW-VOLTAGE 10-BIT BUS SWITCH WITH PRECHARGED OUTPUTS
|
Integrated Device Techn...
|
PI3VT3384Q PI3VT3384 PI3VT3384L |
10-Bit, 2-Port, Low Voltage Translator Bus Switch
|
PERICOM[Pericom Semiconductor Corporation]
|
IDT74CBTLV16214 |
LOW-VOLTAGE 12-BIT 3:1 MUX / DEMUX BUS SWITCH
|
IDT
|
PI3VT34X245B |
32-Bit, 2-Port, Low Voltage Translator Bus Switch
|
Pericom Technology
|