PART |
Description |
Maker |
IDT71L016L70PHI IDT71L016 IDT71L016L100PH IDT71L01 |
LOW POWER 3V CMOS SRAM 1 MEG (64K x 16-BIT)
|
IDT[Integrated Device Technology]
|
N02L63W3AB25I N02L63W3AB5IT N02L63W3A |
2 Mb Ultra-Low Power Asynchronous CMOS SRAM 2 Mb, 3 V Low Power SRAM; Package: BGA; No of Pins: 48; Container: Tape and Reel; Qty per Container: 2500 128K X 16 STANDARD SRAM, 70 ns, PBGA48 2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K ? 16bit
|
ON Semiconductor
|
IDT71T016 IDT71T016L200PHI IDT71T016L150PH IDT71T0 |
High-Performance Current-Mode PWM Controller 14-SOIC -40 to 85 16K X 4 STANDARD SRAM, 35 ns, CDIP24 LOW POWER 2V CMOS SRAM 1 MEG (64K x 16-BIT) 128K X 8 STANDARD SRAM, 150 ns, PDSO44 CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls 16K X 4 STANDARD SRAM, 25 ns, CDIP24 SWITCH, FLUSH, 16MM, MOM; Switch function type:Mom; Voltage, contact AC max:250V; Temp, op. max:55(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Depth, external:29.5mm; Configuration, contact:DPCO; Current, RoHS Compliant: Yes
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology] Integrated Device Technolog...
|
P4C1041L-55TILF |
LOW POWER 256K x 16 (4 MEG) STATIC CMOS RAM
|
Pyramid Semiconductor C...
|
GLT6100L08LL-100ST GLT6100L08LL-100TS GLT6100L08LL |
100ns; Ultra low power 128k x 8 CMOS SRAM 55ns; Ultra low power 128k x 8 CMOS SRAM 70ns; Ultra low power 128k x 8 CMOS SRAM 85ns; Ultra low power 128k x 8 CMOS SRAM
|
G-LINK Technology
|
GLT6100L08LL-55TC GLT6100L08LL-70TC GLT6100L08LL-8 |
55ns; Ultra low power 64K x 16 CMOS SRAM 70ns; Ultra low power 64K x 16 CMOS SRAM 85ns; Ultra low power 64K x 16 CMOS SRAM 100ns; Ultra low power 64K x 16 CMOS SRAM
|
G-LINK Technology
|
GLT6400L08SL-85ST GLT6400L08LL-85ST GLT6400L08SLI- |
Ultra Low Power 512k x 8 CMOS SRAM 超低功率12k × 8 CMOS SRAM
|
Electronic Theatre Controls, Inc.
|
IC62C1024AL IC62C1024ALNEW IC62C1024AL-35QI IC62C1 |
55ns; 5V; 128K x 8 low power CMOS static RAM 128K X 8 LOW POWER CMOS SRAM From old datasheet system ASYNCHRONOUS STATIC RAM, Low Speed A.SRAM
|
ICSI[Integrated Circuit Solution Inc]
|
P4C1041-10JC P4C1041-10TC P4C1041-15JC |
HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 10 ns, PDSO44 HIGH SPEED 256K x 16 (4 MEG) STATIC CMOS RAM 256K X 16 STANDARD SRAM, 15 ns, PDSO44
|
Pyramid Semiconductor, Corp.
|
CHR CHR2520FC-10MEG-1 |
10 Meg to 100 Meg, 1 Tolerance, Temperature Coefficient to as low as 25 ppm/C
|
Rhopoint Components Ltd.
|
M065608E-V30 |
SRAM Chip: 128K x 8 Very Low Power CMOS SRAM Rad Tolerant
|
Atmel Corporation
|
BS62LV1027DC70 BS62LV1027PC70 BS62LV1027TC70 BS62L |
Very Low Power CMOS SRAM 128K X 8 bit 非常低功耗CMOS SRAM 128K的8
|
BRILLIANCE SEMICONDUCTOR, Inc.
|