PART |
Description |
Maker |
EDI8M4512C |
512K X 4 SRAM CMOS HIGH SPEED MODULE
|
ETC[ETC]
|
AT27BV400-15TI AT27BV400 AT27BV400-12JC AT27BV400- |
High Speed CMOS Logic 8-Stage Synchronous Down Counters 16-SOIC -55 to 125 256K X 16 OTPROM, 120 ns, PDSO48 4-Megabit 256K x 16 or 512K x 8 Unregulated Battery-Voltage High Speed OTP EPROM 256K X 16 OTPROM, 150 ns, PDSO48
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
IC61LV5128 IC61LV5128-10K IC61LV5128-10KI IC61LV51 |
512K x 8 HIGH-SPEED CMOS STATIC RAM ASYNCHRONOUS STATIC RAM, High Speed A.SRAM
|
Integrated Circuit Solu... ICSI[Integrated Circuit Solution Inc]
|
EDI9F37512C45MMC EDI9F37512C55MMC |
512K x 37 Static RAM CMOS / High Speed Module
|
ETC
|
AS5C512K8ECJ-35/H AS5C512K8ECJ-17L/H AS5C512K8ECJ- |
512K x 8 SRAM HIGH SPEED SRAM with REVOLUTIONARY PINOUT 12k × 8的SRAM高速SRAM和革命引脚排 LED, GRN SMT, 1206 µP-Compatible 14-Bit CMOS DAC; Package: PLCC; No of Pins: 20; Temperature Range: Commercial Circular Connector; No. of Contacts:37; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:28-21 RoHS Compliant: No CAT5 STP BACKBONE CABLE STRAIGHT PIN, PLN-GRAY 512K x 8 SRAM - high speed with revolutionary pinout
|
Electronic Theatre Controls, Inc. Austin Semiconductor http://
|
2N5007 2N5009 27C040 |
HIGH SPEED PNP TRANSISTOR 4 MEG COMS EPROM(512K x 8)
|
ETC PHILIPS[Philips Semiconductors]
|
IS61WV51216BLL IS61WV51216BLL-10MLI IS61WV51216BLL |
512K x 16 HIGH-SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
|
Integrated Silicon Solution, Inc
|
IDT70T653MS15BCI IDT70T653M IDT70T653MS10BC IDT70T |
HIGH-SPEED 2.5V 512K x 36 ASYNCHRONOUS DUAL-PORT STATIC RAM WITH 3.3V 0R 2.5V INTERFACE
|
IDT[Integrated Device Technology]
|
AT27BV512 AT27BV512-70TU AT27BV512-70RI AT27BV512- |
512K (64K x 8) Unregulated Battery-Voltage High-Speed OTP EPROM
|
ATMEL Corporation
|
BH616UV8010TC BH616UV8010TI BH616UV8010TIG70 BH616 |
Ultra Low Power/High Speed CMOS SRAM 512K X 16 bit
|
Brilliance Semiconducto... BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|