PART |
Description |
Maker |
IDT54FCT151TSOB IDT54FCT151AT IDT54FCT151ATD IDT54 |
FAST CMOS 8-INPUT MULTIPLEXER 快速CMOS 8输入多路复用
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74FCT157DT IDT74FCT157CT IDT74FCT157AT 74FCT157 |
From old datasheet system FAST CMOS QUAD 2-INPUT MULTIPLEXER
|
IDT
|
IDTQS74FCT253AT IDTQS74FCT253ATS1 IDTQS74FCT253ATQ |
HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER 高速CMOS4输入多路复用 HIGH-SPEED CMOS DUAL 4-INPUT MULTIPLEXER FCT SERIES, DUAL 4 LINE TO 1 LINE MULTIPLEXER, TRUE OUTPUT, PDSO16
|
Integrated Device Technology, Inc.
|
ADG506A ADG506ABQ ADG506AKN ADG506AKP ADG506AKR AD |
CMOS ± 15 V 8 Channel Analog Multiplexer CMOS 15 V 8 Channel Analog Multiplexer CMOS 8-/16-Channel Analog Multiplexers 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Portable Work Lamp, 3.5 in x 5 in [76,2 mm x 127,0 mm], Spot Beam Pattern, 12 Vdc/50 W/4 A 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel Multiplexer (Superior DG506A Replacement); Package: PLCC; No of Pins: 28; Temperature Range: Commercial 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
BXB50-24S15FLT BXB50-48S05FLT BXB50-48S3V3FLT BXB5 |
Low voltage CMOS octal bus buffer (3-state inv.) with 5V tolerant inputs DC至DC转换 Low voltage CMOS 16-bit D-type latch (3-state) with 5 V tolerant inputs Low voltage CMOS quad 2 channel multiplexer (3-state) with 5V tolerant inputs Low voltage CMOS dual 4-input NAND gate with 5 V tolerant inputs Low voltage CMOS triple 3-input NOR gate with 5V tolerant inputs Low voltage CMOS dual 2 to 4 decoder/demultiplexer Low voltage CMOS octal bus buffer with 3 state outputs (non inverted) Low voltage quad 2 channel multiplexer with 5V tolerant inputs Low voltage CMOS hex Schmitt inverter with 5V tolerant inputs 33-50W Wide Input DC/DC Converters
|
3M Company ARTESYN[Artesyn Technologies]
|
HI1-0518-5 HI1-0518-8 HI3-0518-5 HI-518 FN3147 |
8-Channel/Differential 4-Channel,CMOS high speed andlog multiplexer 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP18 RESISTOR POWER 125 OHM 8W 5% 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP18 8-Channel/Differential 4-Channel/ CMOS High Speed Analog Multiplexer 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 8-Channel/Differential 4-Channel, CMOS High Speed Analog Multiplexer 8-Channel/Differential 4-Channel CMOS High Speed Analog Multiplexer From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
MC74F151D MC74F151N ON1242 |
8-INPUT MULTIPLEXER FAST SHOTTKY TTL From old datasheet system
|
Motorola, Inc
|
74HCT251 74HC251 HCT251 74HC251D 74HC251DB 74HC251 |
74HC/HCT251; 8-input multiplexer; 3-state 8-input multiplexer 3-state Zener Diode; Zener Voltage Typ, Vz:2.4V; Vz Test Current, Izt:20mA; Power Dissipation, Pd:500mW; Package/Case:DO-35; Breakdown Voltage Max:1.1V; Mounting Type:Through Hole; Terminal Type:Axial Leaded 8输入多路复用器,三 8-input multiplexer; 3-state 8输入多路复用器,三
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
MC74LCX158 |
LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
|
Motorola, Inc
|
MC74LCX158SD MC74LCX158M MC74LCX158DT MC74LCX158D |
From old datasheet system LOW-VOLTAGE CMOS QUAD 2-INPUT MULTIPLEXER
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc]
|
DV74ACT251 DV74AC251 |
8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
|
AVG Semiconductors(HITEK)
|