PART |
Description |
Maker |
HCTS393MS HCTS393KMSR HCTS393K HCTS393HMSR HCTS393 |
Radiation Hardened Dual 4-Input NOR Gate Test Bus Controllers 68-CPGA -55 to 125 Test Bus Controllers 68-CFP -55 to 125 Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Dual 4-Stage Binary Counter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
HS-RTX2010 HS-RTX2010RH HS8-RTX2010RH HS9-RTX2010R |
Radiation Hardened Real Time Express??Microcontroller Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, CQFP84 Radiation Hardened Real Time ExpressMicrocontroller 16-BIT, 8 MHz, MICROCONTROLLER, UUC84 Dual J-K Positive-Edge-Triggered Flip-Flops With Clear And Preset 16-SOIC 0 to 70 Radiation Hardened Real Time Express Microcontroller
|
Advanced Analogic Technologies, Inc. Intersil, Corp. Intersil Corporation
|
HCS154HMSR FN3077 HCS151MS HCS151D HCS151DMSR HCS1 |
Multiplexer, Digital, 8-Input, Rad-Hard, High-Speed, CMOS, Logic Radiation Hardened 4-to-16 Line Decoder/Demultiplexer From old datasheet system Radiation Hardened 8-Input Multiplexer
|
INTERSIL[Intersil Corporation]
|
HCTS374D HCTS374DMSR HCTS374HMSR HCTS374K HCTS374K |
From old datasheet system Radiation Hardened Octal D-Type Flip-Flop, Three-State, Positive Edge Triggered Radiation Hardened Octal Transparent Latch/ Three-State
|
INTERSIL[Intersil Corporation]
|
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
IRHM93130 IRHM9130 IRHM9130-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA) RADIATION HARDENED POWER MOSFET / 100V, P-CHANNEL -100V 300kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a TO-254AA package
|
IRF[International Rectifier]
|
5962F0152101QXC 5962F0152101VXC ISL74422ARHQF ISL7 |
Radiation Hardened 9A, Non-Inverting Power MOSFET Drivers BUF OR INV BASED MOSFET DRIVER, CDFP16 Radiation Hardened 9A. Non-Inverting Power MOSFET Drivers 辐射加固9A条。非反向功率MOSFET驱动 Power MOSFET Drivers, Rad-Hard, 9A, Non-Inverting Radiation Hardened 9A/ Non-Inverting Power MOSFET Drivers
|
Intersil, Corp. Intersil Corporation
|
ACT8502 ACT8502-7 ACT8502-C ACT8502-I ACT8502-S AC |
ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% ACT8502 Radiation Hardened & ESD Protected 48-Channel Analog Multiplexer Module
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
5962F9863501VXC 5962F9863501VCC 5962F9863501V9A AC |
3-line to 8-line decoder / demultiplexer 16-SOIC 0 to 70 Contact Protector; Weight:163g Radiation Hardened Quad D-Type Flip-Flop
with Reset(抗辐射四D触发器(带复位功能)) Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, CDIP16 Radiation Hardened Quad D-Type Flip- Flop with Reset AC SERIES, POSITIVE EDGE TRIGGERED D FLIP-FLOP, COMPLEMENTARY OUTPUT, UUC16 Radiation Hardened Quad D-Type Flip- Flop with Reset
|
Intersil Corporation Intersil, Corp.
|
LT1170 LT1170C LT1170CQ LT1170CT LT1170HV LT1170CK |
100kHz/ 5A/ 2.5A and 1.25A High Efficiency Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 3.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PSSO5 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 5.5 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, MBFM4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 11 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PZFM5 VOLT REG NEG 5V 100MA SMD TO-243
|
Linear Technology Corporation Linear Technology, Corp.
|
HS-246RH HS-248RH HS-245RH |
Radiation Hardened Triple Party Line Transmitter(抗辐射三差分组线接收 Radiation Hardened Triple Line Transmitter(抗辐射三差分线接收器) 辐射加固三线传输器(抗辐射三差分线接收器 Radiation Hardened Triple Party Line Transmitter(???灏??宸??缁?嚎?ユ???
|
Intersil Corporation Intersil, Corp.
|