PART |
Description |
Maker |
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
BP5068-15 |
AC/DC converter - AC100V input, -15V/800mA output
|
ROHM[Rohm]
|
BZY97-C12 BZY97-C11 BZY97-C68 BZY97-C13 BZY97-C15 |
CONVERTER DC-DC 10W 24V/15V DUAL CONVERTER DC-DC 10W 48V/3.3V SGL CONVERTER DC-DC 10W 48V/5V SGL CONVERTER DC-DC 1W 5V/12V DUAL CONVERTER DC-DC 12W 5V/15V DUAL 稳压二极 CONVERTER DC-DC 12W 5V/5V SGL 稳压二极 CONVERTER DC-DC 10W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 10W 48V/5V DUAL 稳压二极 CONVERTER DC-DC 15W 48V/15V DUAL 稳压二极 CONVERTER DC-DC 6W 5V/5V SGL 稳压二极 CONVERTER DC-DC 6W 5V/12V SGL 稳压二极 CONVERTER DC-DC 20W 12V TRIPLE CONVERTER DC-DC 12W 5V/5V DUAL ZENER DIODES
|
http:// GE[General Semiconductor] GE Security, Inc.
|
BP5067-15 |
AC100V input, 15V/300mA output
|
Rohm CO.,LTD. ROHM[Rohm]
|
RNS0.6ZH-M6 RNS01EE RNS01EE-M6 RNS01EG-M6 RNS03ZE- |
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V/ 5.0V/ 7.0V and 12V Outputs Outputs of 2.5V & 15V/ available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming 报考系列:5 - 10W的DC / DC转换18-72
|
POWER-ONE[Power-One]
|
S7DC-16D330 S7DC-16D33D S7DC-16D33S |
NON-ISOLATED DC/DC CONVERTERS 4.75 - 15V Input / 3.3V Output / 16A
|
Bel Fuse Inc.
|
EV2106DQ-00A EV2106DK-00A |
2.6V to 15V IN, 1.5A OUT Synchronous Buck Converter Evaluation Board
|
Monolithic Power Systems, Inc.
|
LTC3103-15 |
1.8A Quiescent Current, 15V, 300mA Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
M57140-01 |
DC/DC CONVERTER, 15V,HYBRID,MODULE,14PIN From old datasheet system
|
Mitsubishi Electric & Electronics USA
|
DAC2800D DAC2812D DAC2812DE DAC2812DH DAC2812DK DA |
15V, 6W dual DC-DC converter 12V, 6W dual DC-DC converter 6W Dual DC-DC Converter(输出功率6W,高隔离电压的双DC-DC转换 6W双的DC - DC转换器(输出功率6W,高隔离电压的双型DC - DC转换器)
|
M.S. Kennedy Corp. M.S. Kennedy, Corp.
|
LTC3129-15 |
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
|
Linear Technology
|
G7NA-30D180 |
NON-ISOLATED DC/DC CONVERTERS 3 - 15V Input / Programmable Output / 30A VRM 8.5 Compatible
|
BEL[Bel Fuse Inc.]
|