PART |
Description |
Maker |
AD746JRZ-REEL7 |
Dual Precision, 500 ns Settling, BiFET Op Amp; Package: SOIC; No of Pins: 8; Temperature Range: Commercial DUAL OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDSO8
|
Analog Devices, Inc.
|
AD827JRZ-16-REEL AD827JR-16 |
High Speed, Low Power Dual Op Amp; Package: SOIC - Wide; No of Pins: 16; Temperature Range: Commercial DUAL OP-AMP, 3500 uV OFFSET-MAX, 35 MHz BAND WIDTH, PDSO16
|
Analog Devices, Inc.
|
RFD16N06LESM RFD16N06LESM9A |
Discrete Commercial N-Channel Power MOSFET, 60V, 16A, 0.047 Ohms @ VGS = 4.5V, TO-252/DPAK Package 16A, 60V, 0.047 Ohm, Logic Level, N-Channel Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
FDP3682 FDB3682 FDP3682NL |
N-Channel PowerTrench MOSFET 100V/ 32A/ 36m N-Channel PowerTrench MOSFET 100V, 32A, 36mз Discrete Commercial N-Channel UltraFET Trench MOSFET, 100V, 32A, 0.036 ohm @ Vgs = 10V, TO-220 Package
|
Fairchild Semiconductor
|
2SJ211 2SJ211-T2B 2SJ211-L 2SJ211-T1B |
P-CHANNEL MOS FET FOR SWITCHING Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0621-7 00; No. of Positions: 8; Connector Type: Panel
|
NEC[NEC] NEC Corp.
|
2SJ220 2SJ220L 2SJ220S |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0519-0 01; No. of Positions: 8; Connector Type: Board SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
|
Hitachi,Ltd. Hitachi Semiconductor
|
8ETH06 8ETH06-1 8ETH06F 8ETH06FP 8ETH06S |
600V 8A HyperFast Discrete Diode in a D2-Pak (UltraFast) package 600V 8A Hyperfast Discrete Diode in a TO-220 FullPack package 600V 8A HyperFast Discrete Diode in a TO-262 package Hyperfast Rectifier
|
IRF[International Rectifier]
|
ZXT12N50DX ZXT12N50DXTA ZXT12N50DXTC |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 30V to 50V DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR Dual NPN Low Sat Transistor
|
Diodes Incorporated ZETEX[Zetex Semiconductors]
|
18TQ045 18TQ045S 18TQ035S 18TQ 18TQ035 18TQ040 18T |
45V 18A Schottky Discrete Diode in a TO-220AC package 45V 18A Schottky Discrete Diode in a D2-Pak package 40V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a D2-Pak package 35V 18A Schottky Discrete Diode in a TO-220AC package SCHOTTKY RECTIFIER CAT6 SOL PC PVC YEL 2OFT PVC SOLID PATCH CORD CAT6 SOL PC PVC YEL 30FT PVC SOLID PATCH CORD DIODE 18 A, 35 V, SILICON, RECTIFIER DIODE, TO-263AB, PLASTIC, SMD-220, D2PAK-3, Rectifier Diode 40V 18A Schottky Discrete Diode in a TO-220AC package
|
IRF[International Rectifier] Vishay Semiconductors
|