PART |
Description |
Maker |
ASSR-1411-001E ASSR-1410 ASSR-1410-003E ASSR-1420 |
TRANSISTOR OUTPUT SOLID STATE RELAY, 3750 V ISOLATION-MAX General Purpose, Form A, Solid State Relay (Photo MOSFET)
|
AVAGO TECHNOLOGIES LIMITED
|
10LPCV2415 |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL066HD4.3 TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Crydom, Inc.
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
53024 |
SPST SOLID-STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
HA6050-10 HD6025-10 HD6025F-10 |
IC,Normally-Closed Panel-Mount Solid-State Relay,1-CHANNEL,M:HL048HD4.4 TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX TRIGGER OUTPUT SOLID STATE RELAY, 4000 V ISOLATION-MAX PLASTIC PACKAGE-4
|
NXP Semiconductors N.V. Crydom, Inc.
|
AQV210EA |
Solid State Relay (with MOSFET Output) 6pin DIP (Form A, Normally-Open) TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX
|
Panasonic, Corp.
|
TSS1J47S TSS1G45S TSS1G47S TSS1J45S |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor]
|
CD20CDW CD20CDY SCD21CDY CD00CFY CD01CFW CD01CFY C |
2A, 60Vdc Optically Isolated, Short-Circuit Protected DC Solid-State Relay DC Solid-State Relay
|
Teledyne Technologies I... Willow Technologies Ltd
|
EL1-P16 |
Relay retaining bracket, with eject function and integrated equipment marking area (7.5 x 15 mm), to suit relay socket PR1, for 16 mm high miniature power relay and solid-state relay
|
PHOENIX CONTACT
|
SGX-1505FB110A240A10PL SGX-1505FB110A240A10ZL SGX- |
“HOCKEY PUCK?/a> SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS “HOCKEY PUCK SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS 隆掳HOCKEY PUCK隆卤 SOLID STATE RELAY 10 THRU 40 AMPS 48 TO 380 VRMS
|
American Zettler, Inc.
|
J-A1A |
Solid State Relay, 2 PDT, 12A, Relay-Nonlatch
|
Leach International
|