PART |
Description |
Maker |
AT27C040 AT27C040-12JC AT27C040-12JI AT27C040-90PI |
Octal Transparent D-Type Latch With 3-State Output 20-VQFN -40 to 125 512K X 8 OTPROM, 120 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SOIC -40 to 85 512K X 8 OTPROM, 120 ns, PDSO32 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TSSOP -40 to 85 512K X 8 OTPROM, 90 ns, PDIP32 4-Megabit 512K x 8 OTP EPROM 512K X 8 OTPROM, 150 ns, PDIP32 Replaced by SN74LV374A : Octal Edge-Triggered D-Type Flip-Flop With 3-State Outputs 20-SSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SO -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 Octal Edge-Triggered D-Type Flip-Flops With 3-State Outputs 20-SSOP -40 to 85
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
HD74LVC16374A HD74LVC16374ATEL |
16-bit D-type Flip Flops with 3-state Outputs
|
Renesas Electronics Corporation
|
74VCX32374 |
Low Voltage 32-Bit D-Type Flip-Flops From old datasheet system
|
Fairchild
|
AS7C32096A AS7C32096A-20TIN AS7C32096A-10TC AS7C32 |
SRAM - 3.3V Fast Asynchronous 3.3V 256K x 8 CMOS SRAM Hex D-Type Flip-Flops With Clear 16-TSSOP -40 to 85 Hex D-Type Flip-Flops With Clear 16-SO -40 to 85 256K X 8 STANDARD SRAM, 15 ns, PDSO44 Hex D-Type Flip-Flops With Clear 16-SOIC -40 to 85 256K X 8 STANDARD SRAM, 12 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor, Corp.
|
74VCX16821 |
Low Voltage 20-Bit D-Type Flip-Flops with 3.6V Tolerant From old datasheet system
|
Fairchild
|
74VHCU04MX 74VHCU04SJX 74VHCU04 74VHCU04M 74VHCU04 |
Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-SOIC -40 to 85 CERAMIC CHIP/MIL-PRF-55681 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-PDIP -40 to 85 Hex Inverter
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
KBPC5000F KBPC5001F KBPC5010F KBPC5012F KBPC5008F |
16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 Silicon-Bridge Rectifiers
|
SEMIKRON[Semikron International]
|
SL74LV04 SL74LV04D SL74LV04N |
Octal D-Type Flip-Flops with Reset 20-SOIC -55 to 125 十六进制逆变 Octal D-Type Flip-Flops with Reset 20-PDIP -55 to 125 十六进制逆变 Hex Inverter
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
74LVX112M 74LVX112MTC 74LVX112 74LVX112SJX |
J-K-Type Flip-Flop Low Voltage Dual J-K Flip-Flops with Preset and Clear From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
DM74ALS576SJX DM74ALS576A DM74ALS576A_04 DM74ALS57 |
ALS SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDIP20 Octal D-Type Edge-Triggered Flip-Flop with 3-STATE Outputs Octal D-Type Edge-Triggered Flip-Flops with 3-STATE Outputs
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
DM74ALS273 DM74ALS273MSA DM74ALS273N DM74ALS273SJ |
Octal D-Type Edge-Triggered Flip-Flops with Clear Inputs Octal D-Type Edge-Triggered Flip-Flop with Clear Octal D-Type Flip-Flop FRICTION LOCK HEADER, 6 CIR, STRGHT SQR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|