PART |
Description |
Maker |
IDT74LVC125APG IDT74LVC125A IDT74LVC125ADC IDT74LV |
3.3V CMOS Quadruple Bus Buffer GATE with 3-State Outputs and 5.0V Tolerant I/O 3.3V CMOS QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS AND 5 VOLT TOLERANT I/O Adjustable Precision Shunt Regulator 3-TO-92 -40 to 85
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
74AHC1G126GV 74AHCT1G126GM 74AHCT1G126GW 74AHCT1G1 |
Bus buffer-line driver; 3-state 总线缓冲线路驱动器,三 Bus buffer-line driver; 3-state AHCT/VHCT/VT SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO6 Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V.
|
HD74LV1G126A08 |
Bus Buffer Gate with 3-state Output
|
Renesas Electronics Corporation
|
U74LVC2G126G-P08-R U74LVC2G126G-P08-T U74LVC2G126L |
DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
U74LVC125A U74LVC125AG-P14-R U74LVC125AG-S14-R U74 |
QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
|
Unisonic Technologies
|
IDT74LVC125APY8 IDT74LVC125APG IDT74LVC125ADC IDT7 |
3.3V CMOS Quadruple Bus Buffer GATE with 3-State Outputs and 5.0V Tolerant I/O
|
IDT
|
74LVQ541TTR 74LVQ541 74LVQ541MTR |
LVQ SERIES, 8-BIT DRIVER, TRUE OUTPUT, PDSO20 From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NO INVERTED) OCTAL BUS BUFFER WITH 3-STATE OUTPUTS (NON INVERTED)
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
UM3150F UM3150H |
LOW VOLTAGE SINGLE BUS BUFFER (3-STATE) Single 2-input Schmitt NAND gate
|
|
HD74LV1G125A08 HD74LV1G125A HD74LV1G125AVSE HD74LV |
LV/LV-A/LVX/H SERIES, 1-BIT DRIVER, TRUE OUTPUT, PDSO5 Bus Buffer Gate with 3-state Output
|
Renesas Electronics Corporation
|
UM316M UM320MS UM316S UM320S UM321 UM323 UM322S UM |
32-bit embedded superH device N-channel 300V - 0.36O - 9A PowerFLAT Zener-protected SuperMESH Power MOSFET N-CHANNEL 600V - 2.8 Ohm - 2A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET N-CHANNEL 24V - 0.0052 Ohm - 60A DPAK/IPAK STRIPFET III POWER MOSFET 256Kbit (32K x 8) serial RTC Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs/outputs (non inverted) 8-bit intelligent controller unit (ICU), two timer/PWMs, ADC, I2C, SPI, SCI Dual 4:1 channel analog mux/demux with injection current protection MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS 8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER Dual 2-input Shmitt trigger NAND gate 300mW at 3.3V Supply Audio Power Amplifier with Standby Mode Active High 模拟IC Dual 2-input NOR gate 输入或非 Dual bus buffer (3-state) 模拟IC Single bus buffer (3-state) 16-bit D-type flip flop with 3-state outputs non inverting
|
Microsemi, Corp.
|