PART |
Description |
Maker |
BR24S16FVM-WTR BR24S08NUX-WTR BR24S64FVM-WTR BR24S |
I2C BUS 16Kbit(2048x8bit) EEPROM I2C BUS 8Kbit(1024x8bit) EEPROM I2C BUS 64Kbit(8192x8bit) EEPROM I2C BUS 256Kbit(32768x8bit) EEPROM I2C BUS 32Kbit(4096x8bit) EEPROM
|
ROHM
|
IDT72V3636 IDT72V3636L10PF IDT72V3636L15PF IDT72V3 |
1K x 36 x 2 Triple-Bus FIFO, 3.3V 3.3 VOLT CMOS TRIPLE BUS SyncFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2 From old datasheet system
|
IDT[Integrated Device Technology]
|
IDT74ALVCH162245 IDT74ALVCH162245PA IDT74ALVCH1622 |
3.3V CMOS 16-BIT BUS-TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD 3.3V CMOS 16-BIT BUS TRANSCIEVER WITH 3-STATE OUTPUTS AND BUS-HOLD 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
IDT74LVCH32245A 74LVCH32245A_DS_31737 IDT74LVCH322 |
Adjustable Precision Shunt Regulator 6-SC70 -40 to 85 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 32-Bit Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
P82B715 P82B715TD P82B715PN112 P82B715TD-T |
I2C-bus extender I2C bus extender - I2C-bus: 100 kHz; Inputs: 1 ; Operating temperature: -40~85 Cel; Operating voltage: 4.5~12.0 VDC; Outputs: 1; Package: SOT97-1 (DIP8); Container: Tube SPECIALTY MICROPROCESSOR CIRCUIT, PDIP8
|
http:// NXP Semiconductors N.V.
|
IDT74ALVCH162821 |
3.3V CMOS 20-BIT BUS-INTERFACE FLIPFLOP WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
MB86967 MB86967PFV |
LAN Controller with PC Card, ISA Bus, and General-purpose Bus Interfaces
|
Fujitsu Component Limited.
|
IDT74ALVC162525 |
3.3V CMOS 18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
IDT74ALVCH32501BF IDT74ALVCH32501BF8 |
3.3V CMOS 36-Bit Universal Bus Transceiver with 3-State Outputs and Bus-Hold
|
IDT
|
IDTQS3VH16212 IDTQS3VH16212PA IDTQS3VH16212PAG IDT |
QUICKSWITCH PRODUCTS 2.5V / 3.3V 24-BIT BUS EXCHANGE HIGH BANDWIDTH BUS SWITCH
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
IDT74ALVCH16601 |
3.3V CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
|
IDT
|
PCA9549PW PCA9549 PCA9549BS |
Octal bus switch with individually I2C-bus controlled enables
|
Philips Semiconductors
|