PART |
Description |
Maker |
74HCT1G125GV 74HCT1G125GW 74HC1G125 74HC1G125GV 74 |
4-Bit Synchronous Binary Counters 16-SOIC -40 to 85 采用16-SOIC封装位同步二进制计数工作温度-40℃到85 74HC1G125; 74HCT1G125; Bus buffer/line drivers; 3-state Bus buffer/line driver; 3-state
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
RD74VT1G125 RD74VT1G125CLE |
Bus Buffer Gate with 3-state output / Dual Supply Voltage Translator
|
Renesas Electronics Corporation
|
SN74AUC2G125 |
<font color=red>[Old version datasheet]</font> DUAL BUS BUFFER GATE WITH 3-STATE OUTPUTS
|
TI store
|
BXA3 BXA3-24S3V3 BXA3-12S15 BXA3-12S3V3 BXA3-24D05 |
Octal D-type flip flop non-inverting (3-state) with 5V tolerant inputs and outputs Octal D-type latch non-inverting (3-state) with 5V tolerant inputs and outputs DC至DC转换 Low voltage CMOS octal bus transceiver (3-state) with 5V tolerant inputs and outputs Low voltage CMOS quad bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5 V tolerant inputs and outputs Low voltage CMOS octal bus buffer (3-state) with 5V tolerant inputs and outputs Low voltage CMOS dual 2 to 4 decoder / demultiplexer OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS Low voltage CMOS 3 to 8 line decoder (inverter) with 5 V tolerant inputs 3W Wide Input DC/DC Converters
|
Electronic Theatre Controls, Inc. ARTESYN[Artesyn Technologies]
|
MM74HCT541 MM74HCT540 MM74HCT541MTC MM74HCT541N MM |
Bipolar Power T0220 PNP 10A 80V; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer Inverting Octal 3-STATE Buffer Octal 3-STATE Buffer From old datasheet system Inverting Octal 3-STATE Buffer • Octal 3-STATE Buffer
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
74VHCT541A 6535 74VHCT541AM 74VHCT41AT -74VHCT541A |
Octal Transparent D-Type Latches With 3-State Outputs 20-SSOP -40 to 85 八路总线缓冲器与三态输出的非反 OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED) From old datasheet system OCTAL BUS BUFFER WITH 3 STATE OUTPUTS NON INVERTED
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics]
|
UM316M UM320MS UM316S UM320S UM321 UM323 UM322S UM |
32-bit embedded superH device N-channel 300V - 0.36O - 9A PowerFLAT Zener-protected SuperMESH Power MOSFET N-CHANNEL 600V - 2.8 Ohm - 2A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET N-CHANNEL 24V - 0.0052 Ohm - 60A DPAK/IPAK STRIPFET III POWER MOSFET 256Kbit (32K x 8) serial RTC Low voltage CMOS 16-bit bus buffer (3-state) with 5V tolerant inputs/outputs (non inverted) 8-bit intelligent controller unit (ICU), two timer/PWMs, ADC, I2C, SPI, SCI Dual 4:1 channel analog mux/demux with injection current protection MULTIFUNCTION DUAL BRIDGE POWER AMPLIFIER WITH INTEGRATED DIGITAL DIAGNOSTICS 8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER Dual 2-input Shmitt trigger NAND gate 300mW at 3.3V Supply Audio Power Amplifier with Standby Mode Active High 模拟IC Dual 2-input NOR gate 输入或非 Dual bus buffer (3-state) 模拟IC Single bus buffer (3-state) 16-bit D-type flip flop with 3-state outputs non inverting
|
Microsemi, Corp.
|
74LCX541MTR 74LCX541TTR 74LCX541 74LCX541M |
OCTAL BUS BUFFER (3-STATE NON INV.) WITH 5V TOLERANT INPUTS AND OUTPUTS LOW VOLTAGE CMOS OCTAL BUS BUFFER (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS Octal Buffers And Line Drivers With 3-State Outputs 20-SO -40 to 85
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
MAX2205 MAX2205EBS MAX2205-MAX2208 MAX2206EBS MAX2 |
射频功率检波器的UCSP封装 Quadruple Bus Buffer Gates With 3-State Outputs 14-TSSOP -40 to 85 Quadruple Bus Buffer Gates With 3-State Outputs 14-SO -40 to 85 RF Power Detectors in UCSP
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|