PART |
Description |
Maker |
BUL146FG BUL146G |
Bipolar Power TO220FP NPN 6A 400V; Package: TO-220 3 LEAD FULLPAK; No of Pins: 3; Container: Rail; Qty per Container: 50 6 A, 400 V, NPN, Si, POWER TRANSISTOR, TO-220AB SWITCHMODE NPN Bipolar Power Transistor
|
ON Semiconductor
|
IRG4BC29F IRG4BC30F IRG4BC30 |
600V Fast 1-8 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.59V, @Vge=15V, Ic=17A) 绝缘栅双极晶体管(VCES和\u003d 600V电压的Vce(on)典\u003d 1.59V,@和VGE \u003d 15V的,集成电路\u003d 17A条)
|
IRF[International Rectifier] International Rectifier, Corp.
|
2N5664SMD |
NPN BIPOLAR TRANSISTOR IN A CERAMIC SURFACE MOUNT PACKAGE FOR HIGH REL APPLICATIONS
|
SemeLAB
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
IRGPF50F 2003 IRGPF50 |
900V Discrete IGBT in a TO-3P (TO-247AC) package INSULATED GATE BIPOLAR TRANSISTOR From old datasheet system
|
International Rectifier
|
BFP360 BFP360W |
RF-Bipolar - NPN Silicon RF transistor in 4pin SOT343 package ideal for Oscillators and VCOs up to 4GHz
|
http:// Infineon Technologies AG
|
IRGPS40B120UD |
1200V UltraFast 5-40 kHz Copack IGBT in a TO-274AA package INSULATED GATE BIPOLAR TRANSISTOR
|
International Rectifier
|
APT43GA90SD30 |
Insulated Gate Bipolar Transistor - Power MOS 8; Package: D3; BV(CES) (V): 900; VCE(sat) (V): 2.5; IC (A): 43;
|
MICROSEMI POWER PRODUCTS GROUP
|
BFS466L6 BFS466L6E6327 |
NPN Silicon RF TWIN Transistor NPN硅射频双晶体 RF-Bipolar - Dual NPN Silicon RF transistor in TSLP-3 package ideal for Low Noise Amplifiers and VCO Modules
|
INFINEON[Infineon Technologies AG]
|