PART |
Description |
Maker |
LN342GP LN842RP LN242RP LN442YP LN342GPLNG342GDG L |
From old datasheet system 5.0 mm ′ 2.0 mm Series 5.0 MM ? 2.0 MM SERIES Opto-Electronic Device - Visible Light Emitting Diodes - Point-Lighting LEDs 5.0 mm 2.0 mm Series
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
415226-1 |
F Series and G Series; PLUG, SERIES F ( AMP )
|
Tyco Electronics
|
BAS70 BAS4 BAS40 BAS70-05 BSA40 BAS70-04 BAS70-06 |
RESISTOR,SMD1206,160K,1/4W,5% Schottky Rectifier SCHOTTKY arraySERIES 0.2 A, 70 V, SILICON, SIGNAL DIODE SCHOTTKY array⑩ SERIES SCHOTTKY ARRAY⒙ SERIES SCHOTTKY array SERIES SCHOTTKY array?/a> SERIES Aluminum Electrolytic Capacitor; Capacitor Type:General Purpose; Voltage Rating:50VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:16000uF RoHS Compliant: Yes CSCA-A Series Hall-effect based, open-loop current sensor, Gallant connector, 50 A rms nominal, ±150 A range SCHOTTKYarray SERIES 0.2 A, 40 V, 2 ELEMENT, SILICON, SIGNAL DIODE SILICON, MIXER DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-LAWRENCE
|
74ABT2240 74ABT2240D 74ABT2240DB 74ABT2240N 74ABT2 |
From old datasheet system Octal inverting buffer with 30W series Octal inverting buffer with 30ohm series termination resistors 3-State ABT SERIES, DUAL 4-BIT DRIVER, INVERTED OUTPUT, PDSO20
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
0237 AA-0237-1 AA-0237-3 AA-0237-5 |
The 237 Series is designed to provide more aggressive performance than the 220 or 221 series.
|
JMK Inc.
|
P772-006 |
6-ft. KVM Switch Daisychain Cable for B020-series and B022 series KVMs
|
Tripp Lite. All Rights ...
|
HD6472393 |
(HD6472355 Series) Series of Microcomputers Built Around The H8s/2000 Cpu
|
Renesas
|
MADR-008888-000100 MADR-008888-0001TB MADR-008888- |
PIN Diode Driver for Series / Series High Power Switch
|
M/A-COM Technology Solutions, Inc.
|
KDE1205PHB1 B0503PFB1-8 B0503PFB3-8 B0535PEB2-8 KD |
KDE SERIES DC Brushless Fan&Blower Traditional Motor Series
|
List of Unclassifed Manufacturers List of Unclassifed Manufac... List of Unclassifed Man...
|
H8/3690 |
(H8/3690 Series) 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Tiny Series
|
Renesas Technology
|
P3002ACMCLXX P3602ACMCLXX P6002ACMCLXX P4202ACMCLX |
The series provides a robust single port solution that enables equipment MC Series - Modified TO-220
|
Littelfuse
|
Y08JS-90B Y08JS Y08JS-145A Y08JS-145B Y08JS-230A Y |
From old datasheet system Y08JS SERIES TI-SERIES TIPPETTE ROCKER SWITCH, DOUBLE POLE
|
List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc.
|