PART |
Description |
Maker |
LF398D LF198FE LF398FE LF398N LF298N LF198 LF298 L |
Sample-and-hold amplifiers SAMPLE AND HOLD AMPLIFIER, 20 us ACQUISITION TIME, CDIP8
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
SMP10G |
SAMPLE AND HOLD AMPLIFIER, 3.5 us ACQUISITION TIME, UUC7
|
ANALOG DEVICES INC
|
AD781 AD781AN AD781JN AD781SQ AD781SQ/883B |
ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 Complete 700 ns Sample-and-Hold Amplifier High speed, monolithic SHA with a max acquisition time for 700 ns to 0.01% over temperature.
|
Analog Devices, Inc. AD[Analog Devices]
|
TC530 TC534 TC534CPL TC530COI TC530CPJ TC534CKW |
The TC530/534 are serial analog data acquisition subsystems ideal for high precision measurements (up to 17bits plus sign). The TC530 consists of a dual slope integrating A/D converter, negative power supply generator and 3 wire serial int 5V Precision Data Acquisition Subsystems
|
MICROCHIP[Microchip Technology]
|
GPS-41EB GPS-41EBF GPS-41EBR |
Fast Acquisition Enhanced Sensitivity 12 Channel GPS Sensor Module
|
rfsolutions.ltd
|
SPT774 |
FAST, COMPLETE 12-BIT mP COMPATIBLE A/D CONVERTER WITH SAMPLE/HOLD
|
Cadeka Microcircuits LLC.
|
AD7891 AD7891YP-2 AD7891SS-2 |
0.3-7V; 450mW; LC2MOS 8-channel, 12-bit high speed, data acquisition system. For data acquisition systems, motor control, mobile communication base stations, instrumenatation True Bipolar Input, Single Supply, Parallel, 8-Channel, 12-Bit High Speed Data Acquisition System
|
Analog Devices
|
SMP11GY SMP10EY SMP10AY SMP11BY SMP11FY SMP11GP SM |
Low Droop Rate / Accurate / Sample and Hold Amplifiers IC,SAMPLE/TRACK-AND-HOLD AMPLIFIER,SINGLE,DIP,14PIN,CERAMIC LOW DROOP RATE/ACCURATE SAMPLE-ANDHOLD AMPLIFIERS
|
adi Analog Devices http://
|
LTC1092 LTC1093AC LTC1093ACN LTC1092ACN8 LTC1094 L |
1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems 2-CH 10-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDIP8 1-, 2-, 6- and 8-Channel, 10-Bit Serial I/O Data Acquisition Systems 1 - - -通道10位串行I / O数据采集系统 1-/ 2-/ 6- and 8-Channel/ 10-Bit Serial I/O Data Acquisition Systems LinCMOS(TM) Precision Quad Operational Amplifier 14-SOIC -40 to 85
|
Linear Technology, Corp. Linear Technology Corporation http://
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
HS9404-J1 HS9404-J2 HS9404-K2 HS9408-J2 HS9408-J1 |
Single-Ended Data Acquisition System Differential Data Acquisition System 差分数据采集系统
|
Fujitsu, Ltd. Intersil, Corp.
|