PART |
Description |
Maker |
HA1-2540-2 HA1-2540-5 HA-2540 FN2897 HA3-2540-5 HA |
400MHz, Fast Settling Operational Amplifier 400MHz/ Fast Settling Operational Amplifier From old datasheet system
|
HARRIS SEMICONDUCTOR INTERSIL[Intersil Corporation]
|
KH220 |
Fast Settling Wideband Op Amp
|
Cadeka
|
KH220AK/AM/HXC/HXA |
Fast Settling Wideband Op Amp
|
Cadeka Microcircuits LLC.
|
AD843J AD843JCHIPS AD843JN AD843JR-16 AD843JR-16-R |
34 MHz, CBFET Fast Settling Op Amp
|
AD[Analog Devices]
|
LT1122 LT1122AC LT1122ACJ8 LT1122ACN8 LT1122AM LT1 |
Fast Settling, JFET Input Operational Amplifier JT 18C 18#20 PIN WALL RECP Fast Settling/ JFET Input Operational Amplifier CAP 27000UF 35V ELECT THA SERIES
|
LINER[Linear Technology] Linear Technology Corporation
|
MAX5290AEUD |
Buffered, Fast-Settling, Dual, 12-/10-/8-Bit, Voltage-Output DACs SERIAL INPUT LOADING, 3 us SETTLING TIME, 12-BIT DAC, PDSO14
|
Maxim Integrated Products, Inc.
|
HI5728IN-T |
10-Bit, 125/60MSPS, Dual High Speed CMOS D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP T&R DUAL, PARALLEL, WORD INPUT LOADING, 35 us SETTLING TIME, 10-BIT DAC, PQFP48
|
Intersil, Corp.
|
LTC1669 1669F LTC1669-1CS5 LTC1669CS5 LTC1669IMS8 |
Replaced by TLV5617A : 10-Bit, 2.5 us Dual DAC, Serial Input, Pgrmable Settling Time, Simultaneous Update, Low Power 8-SOIC 0 to 70 10-Bit Rail-to-Rail Micropower DAC with I2C Interface From old datasheet system 10-Bit Rail-to-Rail Micropower DAC with I²C Interface; Package: SOT; No of Pins: 5; Temperature Range: 0°C to 70°C SERIAL INPUT LOADING, 30 us SETTLING TIME, 10-BIT DAC, PDSO5
|
Linear Technology Corporation LINER[Linear Technology] Linear Technology, Corp.
|
RA55H3340M RA55H3340M-101 |
330-400MHz 55W 12.5V, 3 Stage Amp. For MOBILE RADIO
|
Mitsubishi Electric Semiconductor
|
AD842KH AD842KN AD842KQ AD842SH AD842JN AD842JH AD |
Wideband, High Output Current, Fast Settling Op Amp Wideband/ High Output Current/ Fast Settling Op Amp XTAL MTL T/H HC49/U Silver Mica Capacitor; Capacitance:270pF; Capacitance Tolerance: /- 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes Silver Mica Capacitor; Capacitance:240pF; Capacitance Tolerance: 5%; Series:CD16; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:5.94mm; Leaded Process Compatible:Yes RoHS Compliant: Yes
|
AD[Analog Devices] Analog Devices, Inc.
|