PART |
Description |
Maker |
AT88SC0404CRF |
AT88SC0404CRF Summary [Updated 05/03. 9 Pages] Contactless 4-Kbit user memory with authentication and encryption. ISO/IEC 14443 Type B compliant Contactless 4-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant.
|
Atmel
|
AT88SC1616CRF |
AT88SC1616CRF Summary [Updated 05/03. 9 Pages] Contactless 16-Kbit user memory with authentication and encryption. ISO/IEC 14443 Type B compliant Contactless 16-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant.
|
Atmel
|
MAX66120 MAX66120K-000AA |
ISO 15693-Compliant 1Kb Memory Fob
|
MAXIM - Dallas Semiconductor
|
24LC02B 24LC02B-MT 24LC01B 24LC01B-MT 24LC02BMODUL |
1K/2KI2CSerialEEPROMsinISOMicromodules 2K IIC Serial EEPROM In ISO Micromodul(2K1M次擦写周ISO模块) Stand-Alone OCV-Based Fuel Gauge 1K/2K I 2 C Serial EEPROMs in ISO Micromodules 1K/2K的I 2 C⑩在ISO微型模块串行EEPROM Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers 1K/2K I 2 C ?Serial EEPROMs in ISO Micromodules
|
MicrochipTechnology Microchip Technology Inc. Microchip Technology, Inc.
|
MB89R11806 |
ISO/IEC 15693 Compliant FRAM Embedded High-speed RFID LSI FerVID familyTM
|
Fujitsu Media Devices Limited
|
LRIS64K |
64 Kbit EEPROM tag IC at 13.56 MHz with 64-bit UID and password based on ISO/IEC 15693 and ISO/IEC 18000-3 Mode 1
|
STMicroelectronics
|
WJR7090 |
Multi-Protocol RFID Reader Module Gen1, ISO 18000-6B and ISO 18000-6C (UHFGen2)
|
WJCI[WJ Communication. Inc.]
|
C-128-04 |
Krimptite Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 4, Length 19.94mm(.785) Krimptite垄芒 Ring Tongue Terminal for 10-12 AWG Wire, Stud Size 4, Length 19.94mm(.785")
|
Molex Electronics Ltd.
|
AT88SC6416CRF |
Contactless 64-Kbit user memory with authentication and encryption, ISO/IEC 14443 Type B compliant. CryptoRF EEPROM Memory 64 Kbits
|
ATMEL[ATMEL Corporation]
|
BB-2471-04X 0191310025 |
InsulKrimp Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 4,Length 19.94mm.785 InsulKrimp垄芒 Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 4,Length 19.94mm.785"
|
Molex Electronics Ltd.
|
BB-2471-06X 0191310023 |
InsulKrimp?/a> Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6Length 19.94mm (.785) InsulKrimp Block Spade Tongue Terminal for 14 to 16 AWG Wire, Stud Size 6Length 19.94mm (.785)
|
http:// Molex Electronics Ltd.
|