PART |
Description |
Maker |
EEUEBXXX EEUEB1A101 EEUEB1A101S EEUEB1A221 EEUEB1A |
Aluminum Electronic Capacitor Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 250 V, 33 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 220 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 3.3 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT KJL 79C 79#22 PIN RECP CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Capacitor/EB CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 1000 uF, THROUGH HOLE MOUNT
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
EEVFK1J681 EEEFK1C220UR EEVFK1C220UR EEVFK1K100P E |
ALUMINUM ELEECTROLYTIC CAPACITORS/FK ELEECTROLYTIC电容/ FK ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 150 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 33 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 4.7 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT DIODE ZENER 200MW 2.2V 1005 CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 100 V, 330 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 10 uF, SURFACE MOUNT ALUMINUM ELEECTROLYTIC CAPACITORS/FK CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 33 uF, SURFACE MOUNT POWER SUPPLY FOR RM005
|
Panasonic, Corp. http:// Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
5962-89805012A 5962-8980501CA 5962-8980501IA AD536 |
Complete Monolithic IC Which Performs True RMS-to-DC Conversion Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3126; No. of Contacts:15; Connector Shell Size:14; Connecting Termination:Crimp; Circular Shell Style:Straight Plug RoHS Compliant: No JT 28C 26#20 2#16 SKT PLUG Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, CDIP14 Integrated Circuit True RMS-to-DC Converter RMS TO DC CONVERTER, 0.09 MHz, MBCY10
|
AD[Analog Devices] Analog Devices, Inc.
|
AK9844F AK9844 |
Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 160V; Case Size: 22x25 mm; Packaging: Bulk 4Kbit EEPROM with 4ch 8bit D/A Converter
|
Asahi Kasei Microsystems Co.,Ltd AKM[Asahi Kasei Microsystems]
|
UPM1A182MHD1TO UPM1E151MPD |
Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 1800uF; Voltage: 10V; Case Size: 12.5x20 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 1800 uF, THROUGH HOLE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
|
Nichicon, Corp. Nichicon corporation
|
NRE-WX NREWX102M35V12.5X25F NREWX471M35V12.5X25F N |
Aluminum Electrolytic Capacitors 铝电解电容器 Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 330 uF, THROUGH HOLE MOUNT
|
NIC Components Corp. NIC Components, Corp.
|
GS5AC-40 4592 |
ISDN AC-DC CONVERTER FOR NT From old datasheet system Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 22uF; Voltage: 10V; Case Size: 5x11 mm; Packaging: Bulk
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
ECOG2WU821L ECOG2GU332F ECOG2GU392E ECOG2GU392T EC |
Screw Terminal Type CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3300 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 3900 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 1800 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 3900 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 4700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 5600 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 8200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 1000 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 10000 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 2200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 2700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 4700 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 5600 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 6800 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 2200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6800 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 3300 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 350 V, 8200 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 1500 uF, CHASSIS MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 450 V, 2200 uF, CHASSIS MOUNT CAN
|
Panasonic Semiconductor http:// Panasonic, Corp.
|
G7881-21 G7881-22 G7881-23 G7881-32 G7881-44 G8339 |
Supply voltage:0.3-5.5V; InGaAs PIN photodiode with preamp: receptacle type, 1.3/1.55um, 156, 622Mbps/1.25, 2.5Gbps. For optical fiber communications, fiber channel, gigabit enthernet, HDTV, SDH Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 20x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 6800uF; Voltage: 25V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 35x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 150uF; Voltage: 400V; Case Size: 20x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 400V; Case Size: 35x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 100uF; Voltage: 400V; Case Size: 22x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 400V; Case Size: 25x50 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 Aluminum Snap-In Capacitor; Capacitance: 470uF; Voltage: 250V; Case Size: 30x25 mm; Packaging: Bulk 铟镓砷PIN光电二极管和前置放大 FIBER OPTIC RECEIVER, 1250Mbps, PANEL MOUNT, LC CONNECTOR Aluminum Snap-In Capacitor; Capacitance: 68uF; Voltage: 400V; Case Size: 20x25 mm; Packaging: Bulk
|
HAMAMATSU[Hamamatsu Corporation] Hamamatsu Photonics K.K.
|
B43760A9129M000 B43740A9129M000 B43760A9828M000 B4 |
Aluminum electrolytic capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 400 V, 6800 uF, STUD MOUNT ROHS COMPLIANT
|
EPCOS AG
|
NRWX222M10V12.5X25F |
Miniature Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 10 V, 2200 uF, THROUGH HOLE MOUNT
|
NIC Components, Corp.
|
|