PART |
Description |
Maker |
GP1600FSM18 |
Hi-Reliability Single Switch IGBT Module 1600 A, 1800 V, N-CHANNEL IGBT
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
GP800DCM18 |
Hi-Reliability Chopper Switch IGBT Module
|
DYNEX[Dynex Semiconductor]
|
50DP36-01-1-AJN 50DP36-01-2-AJN 50DP45-01-2-AJN 50 |
0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-5POSITIONS, DP5T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, DP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-6POSITIONS, SP6T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-8POSITIONS, SP8T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-3POSITIONS, DP3T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-2POSITIONS, DPDT, LATCHED, 0.2A, 28VDC, THROUGH HOLE-STRAIGHT 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-10POSITIONS, SP10T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED 0.5 in Diameter, 200mA Single Deck Rotary Switch ROTARY SWITCH-4POSITIONS, SP4T, LATCHED, 0.2A, 28VDC, PANEL MOUNT-THREADED
|
Grayhill, Inc.
|
GP801DDM18 |
Hi-Reliability Dual Switch Low VCESAT IGBT Module
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
GP401DDM18 |
OPTOISOLATOR W/BASE SMD Hi-Reliability Dual Switch Low VCE(SAT) IGBT Module Advance Information
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|
ZWS50-150BAF |
Single Output, High Reliability AC-DC Power Supplies
|
TDK Electronics
|
AFL27008SW AFL27008SW_CH AFL27008SW_ES AFL27008SW_ |
28V Input, Single Output HYBRID-HIGH RELIABILITY DC/DC CONVERTER
|
International Rectifier
|
MM551H |
High Reliability High Voltage Analog Switch
|
General Electric Solid State
|
GP801DCM18 |
B Series/ Female Solder 800 A, 1800 V, N-CHANNEL IGBT Hi-Reliability Chopper Switch Low VCESAT IGBT Module
|
Dynex Semiconductor, Ltd. DYNEX[Dynex Semiconductor]
|
XQV1000 XQC100-4CG560M XQC1000-4CG560M XQC300-4CG5 |
QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NNA. QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 1536 CLBS, 322970 GATES, PBGA352 QPro Virtex 2.5V QML High-Reliability FPGAs FPGA, 661111 GATES, PBGA432 QPro Virtex 2.5V QML High-Reliability FPGAs QPro的Virtex 2.5V的QML第高可靠性的FPGA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957301NUA QPro Virtex 2.5V QML high-reliability FPGA. SMD number 5962-9957201NUA.
|
Xilinx, Inc.
|
APTGT200U120D4 |
Single switch Trench IGBT Power Module Single Switch - IGBT
|
Advanced Power Technology
|
APTGT400U120D4 |
Single Switch - IGBT Single switch Trench IGBT Power Module
|
Advanced Power Technology
|
|