PART |
Description |
Maker |
GP1A73AJ000F |
Gap : 5mm Slit : 0.5mm OPIC Output, Snap-in type Transmissive Photointerrupter with Connector
|
SHARP[Sharp Electrionic Components]
|
GP1S74PJ000F |
Gap : 5mm Slit : 0.5mm Phototransistor Output, Snap-in fi xing Transmissive Photointerrupter with Connector
|
Sharp Electrionic Components
|
OPB121B |
Photo Gap Detector 照片间隙探测
|
TT electronics OPTEK Technology
|
TC51 TC51N1802ECBTR TC51N5002ECBTR TC51N2702ECBTR |
1A Voltage Detector with Output Delay 1UA Voltage Detector with Output Delay The TC51 is a very low power, open drain output, CMOS voltage detector with built-in delay. It is particularly well-suited for battery powered applications because of its ex-tremely low 1 µA operating current and small surface-mount p 1ヌA VOLTAGE DETECTOR WITH OUTPUT DELAY 1レA Voltage Detector with Output Delay 1μA Voltage Detector with Output Delay FLUORESCENT STARTER TO 65WFLUORESCENT STARTER TO 65W; Diameter, External:21.5mm; Length / Height, external:40.3mm; Material:Polycarbonate; Voltage, supply AC:220V
|
MICROCHIP[Microchip Technology] Microchip Technology Inc.
|
GP1A51HRJ00F |
Gap : 3mm, Slit : 0.5mm OPIC Output Case package Transmissive Photointerrupter
|
SHARP[Sharp Electrionic Components]
|
GP1S59J0000F |
Gap : 4.2mm, Slit : 0.5mm Phototransistor Output, Case package Transmissive Photointerrupter
|
SHARP[Sharp Electrionic Components]
|
ISTS802A |
(ISTS802x) 0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES
|
ISOCOM
|
FTR-K3LAB024W-PV FTR-K3L-PV FTR-K3LAB012W-PV |
POWER RELAY 1 POLE - 32A, 1.5mm contact gap latching relay
|
Fujitsu Component Limited.
|
BL-B2134-1-L |
LED GaP/GaP Green Low current requirement High efficiency.
|
Bright LED Electronics Corp.
|
BL-B2334G-1 |
LED GaP/GaP Green Low current requirement High efficiency.
|
BRIGHT LED ELECTRONICS CORP
|
BL-B2134N-1-L |
LED GaP/GaP Green Low current requirement High efficiency.
|
Bright LED Electronics Corp.
|
BL-B3130A |
LED GaP/GaP Green Low current requirement High efficiency.
|
BRIGHT LED ELECTRONICS CORP
|