PART |
Description |
Maker |
GP1A15 |
High Sensing Accuracy Type OPIC Photointerrupter
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
GP1L53V |
Compact/ High Sensing Accuracy Type Photointerrupter Compact, High Sensing Accuracy Type Photointerrupter
|
Sharp Corporation SHARP[Sharp Electrionic Components]
|
GP1S34 |
Subminiature, High Sensing Accuracy Photointerrupter
|
SHARP[Sharp Electrionic Components]
|
GP1A35RV |
High Sensing Accuracy OPIC Photointerrupter with Encoder Functions
|
SHARP[Sharp Electrionic Components]
|
MMA6900K MMA6900Q MMA6900QR2 MMA6901K MMA6901Q MMA |
High Accuracy Low g Inertial Sensor MEMS Sensing, State Machine ASIC
|
Freescale Semiconductor, Inc
|
ADP3339 ADP3339AKC-18 ADP3339AKC-25 ADP3339AKC-285 |
High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.48 V DROPOUT, PDSO4 High-Accuracy Ultralow Iq, 1.5 A, anyCAPLow Dropout Regulator High-Accuracy Ultralow Iq, 1.5 A, anyCAP?Low Dropout Regulator High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ 1.5 A anyCAP Low Dropout Regulator High-Accuracy Ultralow IQ/ 1.5 A/ anyCAP Low Dropout Regulator Circular Connector; No. of Contacts:24; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:24; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:24-24 RoHS Compliant: No Circular Connector; No. of Contacts:85; Series:MS27474; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:22; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:22-2 RoHS Compliant: No JT 85C 85#22 PIN RECP JT 100C 100#22D SKT RECP 0.3-8.5V; high-accuracy ultralow Ig, 1.5A, anyCAP low dropout regulator. For notebook, palmtop computers, SCSI terminators, battery-powered systems, PCMCIA regulator
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
AD5200 AD5210 AD5210AD5212AD5215SERIES AD5210SERIE |
2-Channel/ 256-Position Digital Potentiometer 12-Bit Successive Approximation High Accuracy A/D Converters 12-Bit Successive Approximation High Acquisition A/D Converter -18V; 12-bit successive approximation high accuracy A/D converter
|
Analog Devices, Inc. AD[Analog Devices]
|
ADR3412 ADR3420 ADR3425 ADR3430 ADR3433 ADR3440 AD |
Micro-Power, High-Accuracy 1.2V Voltage Reference Micro-Power, High-Accuracy 2.048V Voltage Reference Micro-Power, High-Accuracy 2.5V Voltage Reference Micro-Power, High-Accuracy 3.0V Voltage Reference Micro-Power, High-Accuracy 3.3V Voltage Reference Micro-Power, High-Accuracy 4.096V Voltage Reference Micro-Power, High-Accuracy 5.0V Voltage Reference
|
Analog Devices
|
EVAL-AD5764EBZ AD5764ASUZ AD5764ASUZ-REEL7 |
Complete Quad, 16-Bit, High Accuracy Complete Quad, 16-Bit, High Accuracy, Serial Input, Bipolar Voltage Output DAC
|
Analog Devices
|
MAX6710UT-T MAX6710IUT MAX6700UT-T MAX6710BUTT MAX |
Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package Low-Voltage, High-Accuracy, Triple/Quad Voltage µP Supervisory Circuits in SOT Package 4-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
|
Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
OP905 |
PIN Sili con Pho todiode
|
OPTEK[OPTEK Technologies]
|
Q62702-C689-V4 Q62702-C690-V2 Q62702-C690-V1 Q6270 |
Photoelectric Sensor; Sensor Input Type:Fiber-Optic; Sensor Output:PNP; Switch Terminals:Connector; Leaded Process Compatible:No; Output Type:Transistor; Peak Reflow Compatible (260 C):No; Contact Current Max:150mA ; Sensor Input Type:Fiber Optic; Sensing Range Max:0.1mm; Sensor Output:PNP; Switch Terminals:Quick Connect; Leaded Process Compatible:No; Mounting Type:DIN Rail; Peak Reflow Compatible (260 C):No; Sensing Range Min:100mm NPN Silicon Transistors NPN硅晶体管
|
http:// SIEMENS[Siemens Semiconductor Group] SIEMENS AG Siemens Semiconductor G...
|