PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MAX6030 MAX6021 MAX6012 MAX6041 MAX6025 |
Precision, Low-Power, Low-Dropout,SOT23-3 Voltage References
|
Maixm
|
MAX6041AEURTG55 |
Precision, Low-Power, Low-Dropout, SOT23-3 Voltage References
|
MAXIM - Dallas Semiconductor
|
MAX6023 MAX6023EBT50-T MAX6023EBT12-T MAX6023EBT21 |
From old datasheet system " Precision, Low-Power, Low-Dropout, UCSP Voltage Reference"
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products]
|
GM6603-3.3TA3R GM6603-3.3TA3T GM6603-3.3TB3T GM660 |
3.0A LOW DROPOUT PRECISION REGULATOR
|
Gamma Microelectronics Inc.
|
WT1117AD-15 WT1117AD-18 WT1117AD-25 WT1117AD-285 W |
1.0A LOW DROPOUT PRECISION LINEAR REGULATORS
|
Weitron Technology
|
GM1117-1.5ST3R GM1117-1.5ST3T GM1117-1.5TA3R GM111 |
1A LOW DROPOUT PRECISION VOLTAGE REGULATOR
|
Gamma Microelectronics Inc.
|
MAX6198A MAX6198AESA MAX6198B MAX6198BESA MAX6198C |
Precision / Micropower / Low-Dropout Voltage References Precision, Micropower,Low-Dropout Voltage References Precision, Micropower, Low-Dropout Voltage References
|
MAXIM - Dallas Semiconductor Maixm Maxim Integrated Products
|
NCP706MX300TAG NCP706MX295TAG |
1 A, 1% Precision Very Low Dropout Voltage Regulator with Enable
|
ON Semiconductor
|
GM6605-1.5TC3R GM6605-1.8TA3R GM6605-1.8TA3T GM660 |
5.0A LOW DROPOUT PRECISION LINEAR REGULATORS 5.0a中低压差型精密线性稳压器
|
American Power Management Inc. American Power Management, Inc.
|
AS1117 AS1117M1 AS1117M1-X AS1117M3 AS1117M3-X AS1 |
800mA low dropout regulator 2,5V 800mA low dropout regulator 3V 800mA low dropout regulator 1,5V 800mA low dropout regulator 5V 800mA Low Dropout Regulator SCSI-II Active Terminator AB 2C 2#16 SKT RECP 800mA low dropout regulator 2,85V 800mA low dropout regulator 3,3V
|
ALPHA Semiconductor Alpha Industries Inc ETC[ETC] ALPHA[Alpha Industries] Alpha Industries, Inc.
|