PART |
Description |
Maker |
ALC5620 |
I2S Audio Codec Voice PCM Interface
|
Realtek Microelectronics
|
STW5094ADT/LF STW5094AD/LF STW5094A-05 |
18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec 18-bit Low Power Asynchronous Stereo Audio DAC with Integrated Power Amplifiers and Voice Codec
|
STMicroelectronics http://
|
STW5094 |
18 BIT 8kHz TO 48kHz LOW POWER STEREO AUDIO DAC WITH INTEGRATED POWER AMPLIFIERS AND VOICE CODEC
|
意法半导
|
92HD206XX5PRGXYYX |
8-CHANNEL HIGH DEFINITION AUDIO CODEC PCM CODEC, PQFP48
|
Integrated Device Technology, Inc.
|
FX709J FX709 FX709LH |
VOICE STORE RETRIEVE CVSD CODEC
|
CML Microcircuits CONSUMER MICROCIRCUITS LIMITED ETC[ETC] Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|
SLD323V-3 SLD323V SLD323V-1 SLD323V-2 SLD323V-21 S |
Audio CODEC IC; IC Function:Audio CODEC IC; Package/Case:24-TSSOP; IC Generic Number:4270; Leaded Process Compatible:No; Number of Bits:24; Number of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C 1W的高功率密度激光二极管 Stereo CODEC IC; IC Function:Stereo CODEC IC; Package/Case:28-TSSOP; Leaded Process Compatible:No; Operating Temp. Max:-40 C; Operating Temp. Min:85 C; Peak Reflow Compatible (260 C):No; Supply Voltage:3.1V RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:24-TSSOP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:1; Operating Temp. Max:70 C; Operating Temp. Min:-10 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes Audio CODEC IC; IC Function:Audio Codec; Package/Case:64-LQFP; Leaded Process Compatible:No; No. of Bits:24; No. of Channels:6; Operating Temp. Max:85 C; Operating Temp. Min:-40 C; Peak Reflow Compatible (260 C):No RoHS Compliant: Yes 24BIT CODEC AUDIO, 4271, TSSOP28; Resolution, Bits:24bit; Sample Rate:192kHz; DACs, No. of:2; Interface Type:Serial; Output Type:Differential; Voltage, Supply Min:2.37V; Voltage, Supply Max:5.25V; Termination Type:SMD; A/D Converter (A-D) IC; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No High Power Density 1W Laser Diode
|
Sony, Corp. SONY[Sony Corporation]
|
CMX639E2 CMX639 |
Consumer / Commercial CVSD Digital Voice Codec
|
CML Microcircuits CMLMICRO
|
HMP9701 HMP9701CN HMP9701EVAL2 |
AC’97 Audio Codec AC97 Audio Codec
|
INTERSIL[Intersil Corporation]
|
ZL38004NBSP ZL38004QCG1 ZL38004 |
From old datasheet system Dedicated Voice Processor with Dual Channel Codec
|
ZARLINK[Zarlink Semiconductor Inc]
|
AK452404 AK4524 |
24-bit 96kHz 110dB codec with IPGA, DATT, soft mute 24Bit 96kHz Audio CODEC
|
AKM Asahi Kasei Microsystems
|