PART |
Description |
Maker |
GHB-PLCC-BG2 |
GHB-PLCC-BG2
|
GILWAY[Gilway Technical Lamp] International Light Technologies Inc.
|
CA-PLCC084-Z-P-T-01 |
CARRIER ADAPTOR 84 position PLCC ZIF socket with test points to 84 position PLCC plug.
|
Ironwood Electronics.
|
PUMA67S16000M-025 PUMA2S16000I-45 PUMA67S16000I-45 |
150NS, PLCC, COM TEMP(FLASH) 15NS, 44 PLCC, COM TEMP(EPLD) 30MHZ, 3.3V, 8 LAP, COM TEMP(FPGA) 20NS, 44 PLCC, COM TEMP(EPLD) 150NS, TSOP, IND TEMP(FLASH) 20NS, 44 TQFP, IND TEMP(EPLD) 120NS, SOIC, IND TEMP(EEPROM) 70NS, TSOP, IND TEMP(EEPROM) 15NS, 68 PLCC, IND TEMP(EPLD) 25NS, 68 PLCC, IND TEMP(EPLD) 30MHZ, 32 TQFP, COM TEMP(FPGA) 120NS, PDIP, IND TEMP(EEPROM) 32 MCROCELL CPLD 1.8V ISP TQFP IND GREEN(EPLD) x32 SRAM Module X32号的SRAM模块 90NS, TSOP, IND TEMP(EEPROM) X32号的SRAM模块 120NS, PLCC, IND TEMP(EEPROM)
|
DB Lectro, Inc. TE Connectivity, Ltd.
|
CA-PLCC052-D-J |
Carrier Adaptor (CA): 52 position PLCC Production socket with test points to 52 position PLCC J leaded SM foot. 2 pc. adaptor.
|
Ironwood Electronics.
|
AM29LV800BT-80DTC2 AM29LV800BT-80DGI2 AM29LV800BT- |
25NS,OTP CERDIP,883C; LEV B FULLY CMPLNT(EPLD) 20NS, OTP, PLCC, COM TEMP(EPLD) 20NS, SOIC, IND TEMP(EPLD) 25NS, SOIC, COM TEMP(EPLD) 20NS,OTP LCC,883C; LEVEL B FULLY CMPLNT(EPLD) 10MHZ, 8 DIP, COM TEMP(FPGA) 10MHZ, 20 PLCC, IND TEMP(FPGA) 10MHZ, 32 TQFP, COM TEMP(FPGA) 10MHZ, 44 PLCC, COM TEMP(FPGA) 30MHZ, 3.3V, 20 PLCC, COM TEMP(FPGA) 8 TSSOP,PB/HALO FREE,IND,1.8V(SERIAL EE) DIE SALE, 1.8V, 11 MIL(SERIAL EE) 8 PDIP,PB/HALO FREE,IND TEMP,1.8V(SERIAL EE) 65K CONFIG MEM, 20 PLCC, IND TEMP(FPGA) 10MHZ, 20 SOIC, IND TEMP(FPGA) 128K CONFIG MEM, 20 PLCC, COM(FPGA) EEPROM EEPROM 10MHZ, 8 NSOIC, COM TEMP(FPGA) EEPROM 512K X 16 FLASH 3V PROM, 120 ns, UUC44 10MHZ, 8 LAP, 5K MOQ(FPGA) 10MHZ, 8 N-SOIC, COM TEMP(FPGA) 10MHZ, 20 PLCC, COM TEMP(FPGA) 512K X 16 FLASH 3V PROM, 80 ns, UUC44
|
ADVANCED MICRO DEVICES INC
|
PA28-PP |
28 pin PLCC socket/28 pin PLCC plug
|
List of Unclassifed Man...
|
540-99-084-24-000-1 540-99-068-24-000-1 540-99-032 |
Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail 塑料引线芯片载体封装(PLCC)插座焊 Sockets for Plastic Leaded Chip Carriers (PLCC) Solder tail PLCC44, IC SOCKET Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV06; Number of Contacts:30; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight
|
PRECI-DIP SA PREDIP[Precid-Dip Durtal SA]
|
EF68B50J EF68B50CV EF68B50JV EF6850FN EF6850C EF68 |
EIA/ITU PABX SLIC with 40mA Loop Feed; Temperature Range: 0°C to 70°C; Package: 24-SOIC Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC ITU CO/PABX SLIC with Low Power Standby; Temperature Range: 0°C to 70°C; Package: 28-PLCC Extended Reach Ringing SLIC; Temperature Range: 0°C to 70°C; Package: 28-PLCC Communications Interface 通信接口 Low Power SLIC with Battery Switch; Temperature Range: -40°C to 85°C; Package: 28-PLCC 通信集成电路 Telecommunication IC 通信集成电路
|
TE Connectivity, Ltd.
|
X28TC256JI-35 X28TC256J-35 X28TC256PI-35 X28TC256J |
16MHZ, PLCC, COM TEMP(MCU 5X) 33MHZ, PDIP, COM TEMP(MCU 5X) 128Kx8 EEPROM 128Kx8 EEPROM 24MHZ, PLCC, COM TEMP(MCU 5X) x8的EEPROM
|
Vishay Intertechnology, Inc. Diodes, Inc.
|
BC338-25ZL1 BC337-25ZL1 BC337-25RL1 BC337-16RL1 BC |
TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 800MA I(C) | TO-92 IC MAX 7000 CPLD 64 68-PLCC IC CONFIG DEVICE 440KBIT 32-TQFP 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一c)|2 晶体管|晶体管|叩| 25V的五(巴西)总裁| 800mA的一c)|2 IC MAX 7000 CPLD 64 44-PLCC 晶体管|晶体管|叩| 45V的五(巴西)总裁| 800mA的一(c)|2
|
Rectron Semiconductor
|
|