PART |
Description |
Maker |
PLF0E331MCO8 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 330uF; Voltage: 2.5V; Case Size: 6.3x8.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 330 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
GBJ1510 GBJ15005 GBJ1508 GBJ1501 GBJ1502 GBJ1504 G |
Aluminum Polymer SMT Capacitor; Capacitance: 270uF; Voltage: 6.3V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
|
Micro Commercial Components Corp. MCC[Micro Commercial Components]
|
FP-6R3RE221M-L1CG FP-6R3RE681M-V1CG FP-6R3RE151M-L |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 680 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 150 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 390 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, THROUGH HOLE MOUNT RADIAL LEADED, LEAD FREE
|
Fujitsu, Ltd.
|
TYOH1A157G72MTR TYOH0G337G72MTR TYOH0J227G72MTR |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 150 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT
|
TE Connectivity, Ltd.
|
APS-4R0EC3561MHB5S APS-4R0EC5102MJC5S APS-4R0EC556 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 560 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1000 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 820 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 1200 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT
|
Nippon Chemi-con, Corp.
|
NSPZ331K6.3V10X8TR15F NSPZ471K6.3V10X8TR15F |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 330 uF, SURFACE MOUNT CAN CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 470 uF, SURFACE MOUNT CAN
|
NIC Components, Corp.
|
GBS4B GBS4M GBS4A GBS4D GBS4G GBS4J GBS4K |
Silicon-Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x12 mm; Packaging: Bulk
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
UWT1C470MCL1GB |
Aluminum Electrolytic SMT Wide Temp Range Capacitor; Capacitance: 47uF; Voltage: 16V; Case Size: 6.3x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 16 V, 47 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
EEFFD0D680R EEFCD0K330R EEFCD0G560R EEFCD1C8R2R EE |
Specialty Polymer Aluminum Electrolytic Capacitor
|
PANASONIC[Panasonic Semiconductor]
|
EEHZC1H101P EEHZC1H330XP EEHZC1H220P EEHZC1E221P E |
Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZC
|
Panasonic Semiconductor
|
EEHZA1E101XP EEHZA1E221P EEHZA1J100P |
Conductive Polymer Hybrid Aluminum Electrolytic Capacitor/ZA
|
Panasonic Semiconductor
|
PEEA10V271M PEEA6R3821M |
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
|
MERITEK ELECTRONICS COR...
|
|