PART |
Description |
Maker |
GAMW5V020TST GAMW5V020 GAMW5V020EET GAMW5V020EMT G |
48V Input, 5VDC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
GAQW1V240TST GAQW1V240 GAQW1V240EET GAQW1V240EMT G |
48V Input, 1.2VDC, 40A Output
|
GALAXY[Galaxy Power, Inc.]
|
0RHB-D0TV20 0RHB-D0T120 0RHB-D0T033 0RHB-D0TV50 07 |
ISOLATED DC/DC CONVERTERS 48 V Input 1.2 V - 2.5 V/80 A, 3.3 V/70 A, 5 V/48 A, 12 V/20 A Output DC-DC REG PWR SUPPLY MODULE ISOLATED DC/DC CONVERTERS 48V Input 3.3V/60A, 5V/40A, 12V/17A Output 1-OUTPUT 200 W DC-DC REG PWR SUPPLY MODULE
|
Bel Fuse, Inc.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AXA010A0X3Z |
10Vdc - 14Vdc input; 0.75Vdc to 5.5Vdc Output;10A Output Current
|
Lineage Power Corporation
|
GHPW5V020PMT003L GHPC2V530EET001L GHPC2V530EET002L |
Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
|
GALAXY[Galaxy Power, Inc.]
|
ATA010A0X43-SR ATA010A0X43-SRZ ATA010A0X3-SR ATA01 |
8.3 - 14.0 Vdc Input; 0.75Vdc to 5.5Vdc Output; 10A output current
|
http:// Lineage Power Corporation
|
AXH005A0X AXH005A0XZ |
3 - 5.5Vdc input; 0.75Vdc to 3.63Vdc Output; 5A output current
|
Lineage Power Corporation
|
AXA005A0X AXA005A0XZ |
10 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 5A output current
|
Lineage Power Corporation
|
APTH003A0X-SR APTH003A0X-SRZ APTH003A0X4-SRZ |
2.4 - 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
|
Lineage Power Corporation
|
AXA003A0X4-SRZ AXA003A0X-SRZ |
8.3 - 14Vdc input; 0.75Vdc to 5.5Vdc Output; 3A output current
|
Lineage Power Corporation
|