PART |
Description |
Maker |
AM29845AJC AM29845A/BLA AM29845ADMB AM29845APC AM2 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package; A IRG4BC30K with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50K with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC40U with Standard Packaging 600V UltraFast 8-25 kHz Discrete IGBT in a TO-247AC package; Similar to IRG4PC40K with Lead Free Packaging 1200V UltraFast 8-25 kHz Single IGBT in a TO-274AA package; A IRGPS40B120U with Standard Packaging 600V UltraFast 8-60 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50U with Standard Packaging 1200V UltraFast 8-40 kHz Discrete IGBT in a TO-274AA package; A IRG4PSH71U with Standard Packaging 1200V UltraFast 4-20 kHz Discrete IGBT in a D2-Pak package; A IRG4BH20K-S with Standard Packaging 600V Fast 1-8 kHz Discrete IGBT in a TO-247AC package; A IRG4PC50F with Standard Packaging 1200V UltraFast 5-40 kHz Discrete IGBT in a TO-247AC package; A IRG4PH50U with Standard Packaging 10-Bit D-Type Latch 600V Warp 60-150 kHz Discrete IGBT in a TO-262 package; A IRG4BC40WL with Standard Packaging 8位D型锁存器 8-Bit D-Type Latch 8位D型锁存器
|
Bourns, Inc.
|
IRGS30B60 IRGSL30B60K IRGS30B60K IRGB30B60K |
600V UltraFast 10-30 kHz IGBT in a TO-262 package 600V UltraFast 10-30 kHz IGBT in a D2-Pak package 600V UltraFast 10-30 kHz IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR
|
IRF[International Rectifier]
|
GA100TS60U |
600V UltraFast 10-30 kHz Half-Bridge IGBT in a INT-A-Pak package
|
International Rectifier
|
IRGB6B60KD IRGS6B60KD IRGSL6B60KD |
600V UltraFast 10-30 kHz Copack IGBT in a TO-220AB package 600V UltraFast 10-30 kHz Copack IGBT in a D2-Pak package 600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|
IRG4BC10UD IRG4BC10UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=2.15V, @Vge=15V, Ic=5.0A)
|
International Rectifier
|
IRG4PC50UD IRG4PC50UD-E |
55 A, 600 V, N-CHANNEL IGBT, TO-247AD INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.65V, @Vge=15V, Ic=27A) 600V UltraFast 8-60 kHz Copack IGBT in a TO-247AC package
|
IRF[International Rectifier]
|
IRG4IBC20UD IRG4IBC20UDPBF |
600V UltraFast 8-60 kHz Copack IGBT in a TO-220 FullPak package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
|
IRF[International Rectifier]
|
IRG4BC29K IRG4BC30K IRG4BC30 |
600V UltraFast 8-25 kHz Discrete IGBT in a TO-220AB package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=2.21V, @Vge=15V, Ic=16A)
|
IRF[International Rectifier]
|
40MT120UH 40MT120UHT |
1200V UltraFast 10-30 kHz Half-Bridge IGBT in a MTP package HALF-BRIDGE IGBT MTP UltraFast NPT IGBT
|
IRF[International Rectifier]
|
IRG4PC40FD IRG4PC40 IRG4PC40FDPBF |
600V Fast 1-8 kHz Copack IGBT in a TO-247AC package INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.50V, @Vge=15V, Ic=27A)
|
IRF[International Rectifier]
|
IRG4BC15UD-LPBF |
600V UltraFast 10-30 kHz Copack IGBT in a TO-262 package
|
International Rectifier
|