PART |
Description |
Maker |
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
NCP3335ADMADJR2G NCP3335AMNADJR2G NCP3335A NCP3335 |
Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
|
ONSEMI[ON Semiconductor]
|
TLV75530PDRVR |
<font color=red>[Old version datasheet]</font> 500-mA, Low IQ, Small Size, Low Dropout Regulator
|
TI store
|
ADP176ARMZ-3.3-R7 ADP1715 ADP1716 ADP175ARMZ-0.75R |
500 mA, Low Dropout, CMOS Linear Regulator
|
AD[Analog Devices]
|
NCV8535MN150R2G |
Ultra High Accuracy 500 mA Low Dropout Regulator
|
ON Semiconductor
|
TA58MS05F TA58MS06F TA58MS09F |
(TA58MSxxF) 500 mA Output Current and Low Dropout Voltage Regulator
|
Toshiba Semiconductor
|
NCP3337MN250R2G NCP3337MNADJR2G NCP3337MN330R2G |
FIXED POSITIVE LDO REGULATOR, PDSO10 Ultra High Accuracy, Low Iq, 500 mA with Power Good Low Dropout Regulator
|
ON SEMICONDUCTOR
|
NCV8537MN500R2G NCV8537MN330R2G |
500 mA High Accuracy Low Dropout Linear Regulator with Power Good Function
|
ON Semiconductor
|
AMS1508 AMS1508CM AMS1508CM-15 AMS1508CM-25 AMS150 |
2.85V 8A low dropout voltage regulator 1.5V 8A low dropout voltage regulator 3.0V 8A low dropout voltage regulator 2.5V 8A low dropout voltage regulator Dual 2-to-4 Line Decoder/Demultiplexer 16-SOIC -55 to 125 8A LOW DROPOUT VOLTAGE REGULATOR 8A条低压差稳压
|
ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
MCP1825 MCP1825-0802E_AB MCP1825-0802E_AT MCP1825- |
0.8 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM3 3.3 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM5 2.5 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSFM5 1.2 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PSSO5 500 mA, Low Voltage, Low Quiescent Current LDO Regulator
|
Microchip Technology
|
TPS77501-Q1 TPS77501MPWPREPG4 |
<font color=red>[Old version datasheet]</font> FAST-TRANSIENT-RESPONSE 500-mA LOW-DROPOUT VOLTAGE REGULATORS
|
TI store
|
MIC39500-2.5WT MIC39500-2.5WU MIC39500-1.8BT MIC39 |
5A 渭Cap Low-Voltage Low-Dropout Regulator 5A μCap Low-Voltage Low-Dropout Regulator 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-263 2.5 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSSO5 5A Low-Voltage Low-Dropout Regulator, RoHS Compliant 5-pin TO-220 1.8 V FIXED POSITIVE LDO REGULATOR, 0.575 V DROPOUT, PSFM5
|
Micrel Semiconductor, Inc.
|