PART |
Description |
Maker |
HWFR-B310 HWFR-B310101 HWFR-B310102 HWFR-B310112 H |
Lumileds P3 Series TS AlInGaP Chips
|
Lumileds Lighting, LLC Lumileds Lighting Company
|
81068-600C04 |
.050 × .100 Latch/Ejector, PTH & SMT Straight, PTH Right Angle 810 Series
|
3M Electronics
|
DT1608C-682 DT1608C-472 DT1608C-473 DT1608C-154 DT |
WIRE, 30AWG, RED, KYNAR WIRE 30 AWG BLU KYNAR TV 6C 6#8(TWINAX) SKT RECP SMT Power Inductors DT1608 Series SMT Power Inductors ? DT1608 Series SMT Power Inductors - DT1608 Series
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC]
|
43650-0813 43650-1214 43650-0410 43650-0414 43650- |
Header; No. of Contacts:8; Pitch Spacing:0.118"; No. of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 12Ckt 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS R/A W/CLIP SMD 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT MicroFit 3.0 SR RA SMT Nail 30Au 4Ckt 4 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:10; Pitch Spacing:0.118"; Number of Rows:1; Series:Micro-Fit 3.0; Body Material:Liquid Crystal Polymer Multipole Connector; Gender:Male; No. of Contacts:10; Series:43650; Body Material:Polyester; Connecting Termination:Crimp; Mounting Type:Wire-to-wire; No. of Rows:2; Operating Voltage:250V; Pitch Spacing:3mm RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
0757830122 75783-0122 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Left Key
|
Molex Electronics Ltd.
|
0757830126 75783-0126 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.38μm (15μ) Gold (Au), SMT Shell, Universal Key
|
Molex Electronics Ltd.
|
0757830128 75783-0128 |
0.80mm (.031) Pitch, iPass I/O SMT Receptacle, Right Angle, Internal Application, 36 Circuit, 0.76μm (30μ) Gold (Au), SMT Shell, Universal Key
|
Molex Electronics Ltd.
|
HLMP-J100 HLMP-J150 |
T-1 3 /4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused,AlInGaP, and TS AlGaAs Red LED Lamps(T-1 3 /4 (5 mm), T-1 (3 mm),高性能, 色彩的,扩散 AlInGaP,TS AlGaAs LED 照明 T-1 3 /4 (5 mm), T-1 (3 mm), High Performance, Tinted, Diffused,AlInGaP, and TS AlGaAs Red LED Lamps(T-1 3 /4 (5 mm), T-1 (3 mm),楂???浆 ?插僵????╂??? AlInGaP,??TS AlGaAs LED ?ф???
|
|
HLMP-C027-P0000 HLMP-C608-R00DD HLMP-C025-P0002 HL |
0.5mm contact spacing, 1.0mm height, Top contact, Back flip FPC/FFC connectors; HRS No: 580-1225-5 50; Contact Mating Area Plating: Gold T-1 3/4 (5 mm) AlInGaP Lamp 的T 1 3 / 45毫米)的AlInGaP T-13/4 (5mm) AlInGaP Lamp 的T 13 / 4mm)的铝铟镓磷化物
|
Taiwan Semiconductor Co., Ltd. Avago Technologies, Ltd.
|
662010231722 662012231722 662018231722 6620XX23172 |
3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER SMT SOLDER TAB 3.00MM MALE DUAL ROW SMT RIGHT ANGLE HEADER SMT SOLDER TAB
|
Wurth Elektronik GmbH &...
|
15-91-3300 15-91-3740 15-91-2780 15-91-2160 15-91- |
CGrid SMT Bkwy Hdr 30 SAu 30Ckt Tube 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 74Ckt Tube 74 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 78Ckt Tube 78 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.1 Pitch 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:20; Pitch Spacing:2.54mm; No. of Rows:1; Series:SL; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 32Ckt Tube 32 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 22Ckt Tube 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 68Ckt Tube 68 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 80Ckt Tube 80 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 62Ckt Tube 62 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 38Ckt Tube 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 66Ckt Tube 66 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 64Ckt Tube 64 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; Number of Contacts:8; Pitch Spacing:2.54mm; Number of Rows:2; Series:C-Grid; Connector Body Material:Plastic; Mounting Type:PC Board; Terminal Type:Right Angle Pin 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 16Ckt Tube 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 14Ckt Tube 14 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 72Ckt Tube 72 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr Tin 36Ckt Tube 36 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 15 SAu 60Ckt Tube 60 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CGrid SMT Bkwy Hdr 30 SAu 8Ckt Tube Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.100 Pitch CONN HEADER 12POS .100 VERT TIN 15913040
|
Molex, Inc. MOLEX INC
|
P0400NL P0401NL P0402 P0403 P0402NL |
SMT POWER INDUCTORS Toroid - Tomcat Series SMT POWER INDUCTORS, Height: 7.6mm Max, Footprint: 18.2mm x 15.0mm Max, Current Rating: up to 14.4A
|
Pulse A Technitrol Company
|
|