PART |
Description |
Maker |
LT3845A LT3844 LTC3891 LT3741 LT37241 LTC3835-1 LT |
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown High Voltage, Current Mode Switching Regulator Controller; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 0.3 A SWITCHING CONTROLLER, 220 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage, Current Mode Switching Regulator Controller
|
Linear Technology, Corp.
|
S2370 |
V(dsx): 60V; V(dgr): 60V; V(gss): -20V; 40A; 125W; field effect transistor. For high speed high current switching applications, chopper regular, DC-DC converter and motor drive applications HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
|
TOSHIBA[Toshiba Semiconductor]
|
2SC5176 E001060 |
From old datasheet system NPN EPITAXIAL TYPE (HIGH CURRENT SWITCHING, DC-DC CONVERTER APPLICATIONS) HIGH CURRENT SWITCHING APPLICATIONS DC-DC CONCERTER APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
LT1308 LT1308CS8 LT1308IS8 1308I LT1308AIS8 LT1308 |
High Current/ Micropower Single Cell/ 600kHz DC/DC Converters From old datasheet system Single Cell High Current Micropower 600kHz Boost DC/DC Converter SWITCHING REGULATOR, 750 kHz SWITCHING FREQ-MAX, PDSO8
|
Linear Technology Corporation Linear Technology, Corp.
|
2SK1489 E001352 |
From old datasheet system N CHANNEL MOS TYPE (CHOPPER REGULATOR, HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS) CHOPPER REGULATOR APPLICATIONS HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
|
TOSHIBA[Toshiba Semiconductor]
|
LT1976 LT1976EFE LT1976IFE LT1976B LT1976HFE LT197 |
High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100渭A Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100μA Quiescent Current High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40°C to 85°C 4 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100µA Quiescent Current; Package: TSSOP; No of Pins: 16; Temperature Range: -40° to 125°C 3.5 A SWITCHING REGULATOR, 230 kHz SWITCHING FREQ-MAX, PDSO16 High Voltage 1.5A, 200kHz Step-Down Switching Regulator with 100A Quiescent Current
|
Linear Technology, Corp.
|
2SD2414SM E001183 2SD2414 |
HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS From old datasheet system NPN TRIPLE DIFFUSED TYPE (HIGH CURRENT SWITCHING/ POWER AMPLIFIER APPLICATIONS)
|
Toshiba Semiconductor
|
2SB1018A EE08307 |
From old datasheet system HIGH CURRENT SWITCHING APPLICATIONS POWER AMPLIFIER APPLICATIONS TRANSISTOR (HIGH CURRENT SWITCHING, POWER AMPLIFIER APPLICATIONS)
|
TOSHIBA[Toshiba Semiconductor]
|
MAX1954BEUB MAXIMINTEGRATEDPRODUCTSINC-MAX1954BEUB |
Low-Cost, High-Frequency, Current-Mode PWM Buck Controllers SWITCHING CONTROLLER, 360 kHz SWITCHING FREQ-MAX, PDSO10
|
Maxim Integrated Products, Inc.
|
CMPD415010 |
SURFACE MOUNT HIGH CURRENT, HIGH SPEED SILICON SWITCHING DIODE
|
Central Semiconductor Corp
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT HIGH SPEED SWITCHING
|
Fuji Electric
|
2SD1049 |
TRIPLE DIFFUSED PLANER TYPE HIGH CURRENT, HIGH SPEED SWITCHING
|
New Jersey Semi-Conductor Products, Inc.
|