PART |
Description |
Maker |
2N5220 FTSO4400 FTSO4401 FTSO4402 FTSO4403 FTSO440 |
NPN small signal general purpose complementary amplifier. Small Signal General Purpose Amplifiers & Switchs NPN General Purpose Amplifier PNP small signal general purpose amplifier & switch. NPN neon display tube driver.
|
FAIRCHILD[Fairchild Semiconductor]
|
2N5087J18Z 2N5087TF 2N5087J61Z |
PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N4403-T92-B 2N4403-T92-K 2N4403L-T92-B 2N4403L-T9 |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
UNISONIC TECHNOLOGIES CO LTD Unisonic Technologies Co., Ltd. 友顺科技股份有限公司 UTC[Unisonic Technologies]
|
MMBT4403G-AL3-R MMBT4403L-AE3-R MMBT4403L-AL3-R MM |
PNP GENERAL PURPOSE AMPLIFIER 600 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2N4125TANL |
PNP General Purpose Amplifier 200 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MMBTA70L MMBTA70LT1-D |
Small Signal GP PNP General Purpose Transistor PNP Silicon
|
ON Semiconductor
|
2N3906RLRPG 2N3906RL1G |
General Purpose Transistors PNP Silicon 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON Semiconductor
|
MSB709-RT1-D MSB709-RT1G |
PNP General Purpose Amplifier Transistor Surface Mount Small Signal Plastic PNP
|
ON Semiconductor
|
BC857W BC857BW BC857CW BC858W BC858W/T3 BC856AW |
100 mA, 30 V, PNP, Si, SMALL SIGNAL TRANSISTOR PLASTIC, SC-70, 3 PIN PNP general purpose transistors
|
NXP Semiconductors N.V.
|
MMBZ5230BL MMBZ5230BLT1 MMBZ5254BL MMBZ5263BL MMBZ |
Small Signal 4.7V 5% Small Signal 27V 5% 56V Zener Small Signal 33V 5% Small Signal 12V 5% Small Signal 13V 5% Small Signal 15V 5% Small Signal 20V 5%
|
ON Semiconductor
|
BCW67BCW68 BCW68F Q62702-C1555 Q62702-C1893 BCW68 |
PNP Silicon AF Transistors (For general AF applications High current gain) 800 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 PNP Silicon AF Transistors (For general AF applications High current gain) 800 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236 From old datasheet system
|
Siemens Semiconductor G... SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
BCX23 BCX24 MM4257 2N5183 BSY62 BSX36 BSX79 BSY79 |
ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Small Signal Transistors 125 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18 Leaded Small Signal Transistor General Purpose 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-18
|
Central Semiconductor C... http:// Seme LAB CENTRAL[Central Semiconductor Corp] Central Semiconductor Corp. Central Semiconductor, Corp.
|