PART |
Description |
Maker |
T625 T6250430 T6250440 T6250630 T6250640 T6250830 |
Phase Control SCR (300-400 Amperes 1200 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
T7602030 T7600230 T7601430 T7601630 T7601830 |
Phase Control SCR (300 Amperes Average 2000 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
T7S0750A T7S0047504DN |
400V, 750A phase control single thyristor Phase Control SCR (750 Amperes Average 1600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
ST3230C18R0 ST3230C10R0 ST3230C16R0 ST3230C14R0 ST |
Silicon Controlled Rectifier, 5970 A, 1400 V, SCR, RPUK-2 1800V 2785A Phase Control SCR in a A-36 (R-Puk) package 1000V 2785A Phase Control SCR in a A-36 (R-Puk) package 1600V 2785A Phase Control SCR in a A-36 (R-Puk) package Stratix II GX FPGA 30K FPGA-780 1600V 2785A可控硅相位控制在 36(注册商标,北辰)封 1200V 2785A Phase Control SCR in a A-36 (R-Puk) package
|
Vishay Semiconductors International Rectifier
|
C390TX555 C390EX555 C390MX555 C390NX555 C390PAX555 |
240 x 128 pixel format, STN Blue Phase Control SCR 590 Amperes Avg 500-1200 Volts 925 A, 600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
ST1000C..KSERIES ST1000C26K3 ST1000C26K2 ST1000C26 |
THYRISTOR 2913A PHASE CONTROL THYRISTORS 相位控制晶闸 N/A 2400V 1470A Phase Control SCR in a A-24 (K-Puk) package 1600V 1470A Phase Control SCR in a A-24 (K-Puk) package 2000V 1470A Phase Control SCR in a A-24 (K-Puk) package 2200V 1470A Phase Control SCR in a A-24 (K-Puk) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
C702LN C702CB C702CP C702LC C702LD C702LM |
Phase Control SCR 1000 Amperes Avg 2300-3200 Volts 1570 A, 2300 V, SCR
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
FT500A FT500A-16 FT500A-20 FT500A-24 FT500A-28 FT5 |
Phase Control SCR 400 Amperes Avg 800-2500 Volts 相位控制晶闸管四百安培平00-2500伏特 Phase Control SCR 400 Amperes Avg 800-2500 Volts 相位控制晶闸管四百安培平800-2500伏特
|
Powerex Power Semiconductor... Powerex Power Semiconductors Powerex, Inc.
|
CR3CM |
Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts 铅安装,相位控制晶闸3 Amperes/400-600伏特
|
Powerex, Inc.
|
ST110S16P1V ST110S04P0 ST110S04P1 ST110S04P1V ST11 |
PHASE CONTROL THYRISTORS 1400V 110A Phase Control SCR in a TO-209AC (TO-94C) package 1200V 110A Phase Control SCR in a TO-209AC (TO-94) package 400V 110A Phase Control SCR in a TO-209AC (TO-94) package 800V 110A Phase Control SCR in a TO-209AC (TO-94) package 1600V 110A Phase Control SCR in a TO-209AC (TO-94C) package
|
IRF[International Rectifier]
|
TA201600A |
Phase Control SCR (1600 Amperes Average 2200 Volts)
|
POWEREX[Powerex Power Semiconductors]
|