PART |
Description |
Maker |
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
T7600130 T7601230 T7602030 T7601630 T7600430 T7600 |
Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1000 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1200 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 600 V, SCR Phase Control SCR (300 Amperes Average 2000 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
FT300DM-36 FT300DM FT300DM-28 FT300DM-32 |
Phase Control SCR 300 Amperes Avg 1400-1800 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
T9G01000A T9G0081003DH T9G01000A-13 |
Phase Control SCR Phase Control SCR (1000 Amperes Average 2400 Volts) 800V, 1000A phase control single thyristor
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
T7202045 T7201045 T7200855 T7202255 T7201245 T7200 |
Phase Control SCR (450-550 Amperes 2400 Volts) 850 A, 1800 V, SCR Phase Control SCR (450-550 Amperes 2400 Volts) 700 A, 1800 V, SCR Phase Control SCR (450-550 Amperes 2400 Volts) 700 A, 1200 V, SCR Phase Control SCR (450-550 Amperes 2400 Volts) 850 A, 600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CR03AM400-12 CR03AM400-8 CR03AM CR03AM600-8 CR03AM |
RECTIFIER SCHOTTKY SINGLE 1A 20V 40A-ifsm 0.5V-vf 0.5mA-ir DO-41 1K/BULK 铅山,相位控制晶闸管0.3 Amperes/400-600伏特 Lead-Mount/ Phase Control SCR 0.3 Amperes/400-600 Volts Lead-Mount, Phase Control SCR 0.3 Amperes/400-600 Volts
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
C391 C391PB |
1200V, 490A phase control single thyristor Phase Control SCR 490 Amperes Average 2400 Volts
|
POWEREX[Powerex Power Semiconductors]
|
T7S0750A T7S0047504DN |
400V, 750A phase control single thyristor Phase Control SCR (750 Amperes Average 1600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
ST1000C..KSERIES ST1000C26K3 ST1000C26K2 ST1000C26 |
THYRISTOR 2913A PHASE CONTROL THYRISTORS 相位控制晶闸 N/A 2400V 1470A Phase Control SCR in a A-24 (K-Puk) package 1600V 1470A Phase Control SCR in a A-24 (K-Puk) package 2000V 1470A Phase Control SCR in a A-24 (K-Puk) package 2200V 1470A Phase Control SCR in a A-24 (K-Puk) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
ST300C16C0 ST300C18C0 ST300C12C0 ST300C04C0 ST300C |
Stratix FPGA 25K FBGA-780 2000V 650A Phase Control SCR in a TO-200AB (E-Puk) package 400V 650A Phase Control SCR in a TO-200AB (E-Puk) package 1200V 650A Phase Control SCR in a TO-200AB (E-Puk) package 1800V 650A Phase Control SCR in a TO-200AB (E-Puk) package 1600V 650A Phase Control SCR in a TO-200AB (E-Puk) package
|
International Rectifier
|
TA20021603DH |
Phase Control SCR 1600 Amperes Average 2400 Volts
|
Powerex Power Semicondu...
|