PART |
Description |
Maker |
FT500DL FT500DL-24 FT500DL-4 FT500DL-20 FT500DL-16 |
Phase control SCR. 500A, 400V. Phase Control SCR 500 Amperes Avg 200-1400 Volts Phase control SCR. 500A, 1200V. Phase control SCR. 500A, 200V. Phase control SCR. 500A, 1000V. Phase control SCR. 500A, 800V. Phase control SCR. 500A, 300V. Phase control SCR. 500A, 500V. Phase control SCR. 500A, 600V. Phase control SCR. 500A, 1400V.
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
C180C500 C180B500 C180EX500 C180MX500 C180M500 |
300 A, 500 V, SCR Phase Control SCR 190 Amperes Average 600 Volts 600V, 190A phase control single thyristor
|
POWEREX INC Powerex Power Semiconductors
|
T7600130 T7601230 T7602030 T7601630 T7600430 T7600 |
Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1000 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 1200 V, SCR Phase Control SCR (300 Amperes Avg 100-2000 Volts) 470 A, 600 V, SCR Phase Control SCR (300 Amperes Average 2000 Volts)
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
22RIA40M 22RIA40MS90 22RIA140S9 22RIA40S90 22RIA40 |
800V 22A Phase Control SCR in a TO-208AA (TO-48) package 1600V 35A Phase Control SCR in a TO-208AA (TO-48) package 1400V 35A Phase Control SCR in a TO-208AA (TO-48) package 1200V 22A Phase Control SCR in a TO-208AA (TO-48) package 1000V 22A Phase Control SCR in a TO-208AA (TO-48) package 100V 22A Phase Control SCR in a TO-208AA (TO-48) package 600V 22A Phase Control SCR in a TO-208AA (TO-48) package MEDIUMPOWERTHYRISTORS 400V 22A Phase Control SCR in a TO-208AA (TO-48) package Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:97-3106; No. of Contacts:4; Connector Shell Size:14S; Connecting Termination:Solder; Circular Shell Style:Straight Plug RoHS Compliant: Yes MEDIUM POWER THYRISTORS 中功率晶闸管
|
IRF[International Rectifier] International Rectifier, Corp.
|
T9G01200A T9G01200A-13 |
Phase Control SCR Phase Control SCR (1200 Amperes Average 2400 Volts) 第一阶段控制晶闸管(一二?安培平400伏特
|
POWEREX[Powerex Power Semiconductors] Powerex Power Semicondu...
|
16TTS08S 16TTS08STRL 16TTS08STRR 16TTS16STRR 16TTS |
Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 12000A条相控制可控硅的一D2 - PAK封装 800V 10A Phase Control SCR in a D2-Pak package 1600V 10A Phase Control SCR in a D2-Pak package 1200V 10A Phase Control SCR in a D2-Pak package CAT5E 350MHZ PATCH CORD, 10 FT BEIGE SURFACE MOUNTABLE PHASE CONTROL SCR 表面贴装相位控制可控
|
IDEC, Corp. International Rectifier, Corp.
|
C391 C391PB |
1200V, 490A phase control single thyristor Phase Control SCR 490 Amperes Average 2400 Volts
|
POWEREX[Powerex Power Semiconductors]
|
T7S0750A T7S0047504DN |
400V, 750A phase control single thyristor Phase Control SCR (750 Amperes Average 1600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
CR3CM |
Lead-mount, Phase Control SCR 3 Amperes/400-600 Volts 铅安装,相位控制晶闸3 Amperes/400-600伏特
|
Powerex, Inc.
|
T7S0650A T7S0166504DN T7S0 |
Phase Control SCR (650 Amperes Average 1600 Volts)
|
POWEREX[Powerex Power Semiconductors]
|