PART |
Description |
Maker |
SDR1183 SDR1183R SDR1183RS SDR1183RTX SDR1183S SDR |
35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER 35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5
|
Solid States Devices, Inc SOLID STATE DEVICES INC Solid States Devices, I...
|
CPD32X |
Schottky Rectifier Die 10 Amp, 40 Volt
|
Central Semiconductor Corp
|
SCR010B SFS3027 SFS3028 SFS3029 |
0.5 AMP, 30 - 100 Volt SILICON CONTROLLED RECTIFIER
|
Solid States Devices, Inc
|
SDR9310 SDR9311 SDR9312 SDR937 SDR93761 SDR939 |
30 Amp ULTRA FAST RECTIFIER 700 - 1200 Volt 60 nsec
|
Solid States Devices, Inc
|
CPC01 |
Silicon Carbide Schottky Rectifier Die 10 Amp, 1200 Volt
|
Central Semiconductor Corp Central Semiconductor C...
|
X28HC64J-90C7871 X28HC64SI-70T1 X28HC64SI-15 |
64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 8K X 8 EEPROM 5V, 90 ns, PQCC32 64K, 8K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R
|
Intersil, Corp. INTERSIL CORP
|
FFB10UP20STM |
Ultrafast Recovery Power Rectifier; Package: TO-263(D2PAK); No of Pins: 2; Container: Tape & Reel 10 A, 200 V, SILICON, RECTIFIER DIODE, TO-263AB
|
Fairchild Semiconductor, Corp.
|
S2M |
1.5A General Purpose Rectifier; Package: DO-214AA(SMB); No of Pins: 2; Container: Tape & Reel 2 A, 1000 V, SILICON, RECTIFIER DIODE, DO-214AA
|
Fairchild Semiconductor, Corp.
|
ISL652504 ISL6525CBZ ISL6525 ISL6525CB ISL6525CB-T |
Buck and Synchronous-Rectifier Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC T&R SWITCHING CONTROLLER, 1000 kHz SWITCHING FREQ-MAX, PDSO14
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
AT45DB041B AT45DB041B-CC AT45DB041B-CI AT45DB041B- |
4M bit, 2.7-Volt Only Serial-Interface Flash with Two 264-Byte SRAM Buffers 4-megabit 2.5-volt Only or 2.7-volt Only DataFlash
|
ATMEL[ATMEL Corporation] ETC
|