PART |
Description |
Maker |
LTC1985-1.8 17278FA |
Micropower Precision Triple Supply Monitor with Push-Pull Reset Output, SOT-23 From old datasheet system
|
Linear
|
LTC1536 LTC1536C LTC1536CMS8 LTC1536CS8 LTC1536I L |
Advanced LinEPIC Self-Calibrating (Self-Cal) Precision Single Operational Amplifier 8-SOIC Precision Triple Supply Monitor for PCI Applications
|
Linear Technology Corporation LINER[Linear Technology]
|
LTC1985 LTC1985ES5-1.8 198518I LTC1985-1.8 |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors From old datasheet system Micropower Precision Triple Supply Monitor with Push-Pull Reset Output in a 5-Lead SOT-23 Package
|
Linear Technology Corporation
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
AM29F160DB75FC AM29F160DT120FC AM29F160DT75FC AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only, Boot Sector Flash Memory 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 5.0 Volt-only/ Boot Sector Flash Memory Switch Mode Power Supply; Series:SC40; Output Voltage:5V; Output Power Max:40W; Output Current:4A; Number of Outputs:3; Output Current 2:1A; Output Current 3:0.5A Triple 3-Input Positive-AND Gates 14-TSSOP -40 to 85 Triple 3-Input Positive-AND Gates 14-SO -40 to 85 Triple 3-Input Positive-AND Gates 14-TVSOP -40 to 85
|
http:// AMD Advanced Micro Devices, Inc.
|
AP432AL-7 AP432L-13 AP432L-7 AP432L-A AP432L-B AP4 |
ADJUSTABLE PRECISION SHUNT REGULATOR ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO8 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, BCY3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO3 ADJUSTABLE PRECISION SHUNT REGULATOR 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.24 V, PDSO5 ADJUSTABLE PRECISION SHUNT REGULATOR 可调节精密并联稳压器
|
Diodes, Inc. 稳压 Diodes Inc. DIODES[Diodes Incorporated] http://
|
AD8023 AD8023ACHIPS AD8023AR AD8023AR-REEL AD8023A |
High Current Output/ Triple Video Amplifier RECTIFIER SCHOTTKY DUAL 60A 50V 500A-ifsm 0.7V-vf 20mA-ir TO-3P 30/TUBE High Current Output, Triple Video Amplifier
|
Analog Devices, Inc. AD[Analog Devices]
|
ISL60007DIB825Z ISL60007CIB825Z |
Precision 2.50V, 1.08U-Watt, High Precision FGA Voltage References 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO8
|
Intersil, Corp.
|
ISL28476 ISL28476FAZ ISL28476FAZ-T7 ISL2827607 ISL |
Dual and Quad Precision Micropower Single Supply Rail-to-Rail Input and Output Precision Op Amps
|
http:// Intersil Corporation
|
ISL6411IR ISL6411 ISL6411IRZ |
Triple Output/ Low-Noise LDO Regulator with Integrated Reset Circuit Linear Regulator, Triple LDO with uP Reset & Sequencing, Ultra Low Noise, 2.7 to 3.8V Input, Fixed Output 1.8V/2.84V/2.84V Triple Output Low-Noise LDO Regulator with Integrated Reset Circuit Triple Output, Low-Noise LDO Regulator with Integrated Reset Circuit
|
INTERSIL[Intersil Corporation]
|
MAX673009 MAX6732UTD-T MAX6734KAD-T MAX6730 MAX673 |
3-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 Single-/Dual-/Triple-Voltage μP Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 渭P Supervisory Circuits with Independent Watchdog Output Single-/Dual-/Triple-Voltage 楼矛P Supervisory Circuits with Independent Watchdog Output
|
MAXIM INTEGRATED PRODUCTS INC
|