PART |
Description |
Maker |
X25040S X25040S-2.7 X25040S-3 X25040SI X25040SI-2. |
IC,Normally-Open Panel-Mount Solid-State Relay,1-CHANNEL,M:HL089HD4.3 SPI串行E2PROM的保护与块LockTM SPI Serial E2PROM with Block LockTM Protection SPI串行E2PROM的保护与块LockTM
|
Vishay Semiconductors XICOR[Xicor Inc.]
|
SJ-3A01HZNR SJ-5A01HZNR SJ-12A01HZNR SJ-24A01HZNR |
SOLID STATE RELAY MAXIMUM LOAD CURRENT 1 A TRIGGER OUTPUT SOLID STATE RELAY, 2500 V ISOLATION-MAX
|
Fujitsu Component Limited.
|
PS7111-2A01 PS7111-2A PS7111L-2A-E3 |
DUAL TRANSISTOR OUTPUT SOLID STATE RELAY, 1500 V ISOLATION-MAX 8 PIN DIP SOLID STATE RELAY
|
NEC Duracell
|
53258 |
RADIATION TOLERANT 120VDC - 5A SOLID STATE RELAY TRANSISTOR OUTPUT SOLID STATE RELAY, 1000 V ISOLATION-MAX
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
SSC1000-25-12 SSC800-25-24 |
Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:1000VDC; Control Voltage Max:16VDC; Control Voltage Min:8VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):12 Solid-State Panel Mount Relay; Output Device:IGBT; Output Voltage Max:800VDC; Control Voltage Max:28VDC; Control Voltage Min:20VDC; Load Current Max:25A; Switching:DC Switch; Capacitance:50; Control Voltage (Nominal):24
|
CRYDOM CORP
|
TSS2J47 TSS2G45 TSS2G47 TSS2J45 |
SOLID STATE AC RELAY OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON ZERO CURRENT TURN-OFF, NORMALY OPEN SSR (TSS2x4x) TOSHIBA SOLID STATE AC RELAY
|
TOSHIBA[Toshiba Semiconductor] http://
|
3SCV5012H1 3SCV5534D1 3SCV5012A1 3SCV5012B1 3SCV50 |
Long-life Haif-size Industrial Relay POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.03A (COIL), 35VDC (COIL), 1050mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.06A (COIL), 20VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.1A (COIL), 12VDC (COIL), 1200mW (COIL), PANEL MOUNT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.04A (COIL), 30VDC (COIL), 1200mW (COIL), PCB MOUNT-STRAIGHT POWER/SIGNAL RELAY, DPDT, MOMENTARY, 0.05A (COIL), 23VDC (COIL), 1150mW (COIL), PANEL MOUNT
|
Tyco Electronics
|
PCD210-440-14 |
Surface Mount Solid State Relay
|
Picker Components
|
FW1309G00 SF5302Y00 SF5309G00 SF5309W00 SF5A5120J0 |
RF RELAY, DPDT, MOMENTARY, 0.039A (COIL), 26.5VDC (COIL), 1040mW (COIL), 3A (CONTACT), 28VDC (CONTACT), 1000MHz, PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.004A (COIL), 40VDC (COIL), 160mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT-THREADED RF RELAY, DPDT, MOMENTARY, 0.011A (COIL), 16.5VDC (COIL), 182mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.005A (COIL), 26.5VDC (COIL), 140mW (COIL), 2A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.01A (COIL), 26.5VDC (COIL), 281mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT RF RELAY, DPDT, MOMENTARY, 0.008A (COIL), 40VDC (COIL), 320mW (COIL), 5A (CONTACT), 28VDC (CONTACT), PANEL MOUNT
|
|
G3NE G3NE-205T-US G3NE-205TL-US G3NE-210T-US G3NE- |
TRIGGER OUTPUT SOLID STATE RELAY, 2000 V ISOLATION-MAX Solid State Relays
|
Omron Electronics LLC
|
PVR3300NBSP PVR3300 |
Normally-Open PC-Mount Solid-State Relay From old datasheet system
|
Crydom Co
|
PVR3300NNBSP PVR3300N |
Normally-Open PC-Mount Solid-State Relay From old datasheet system
|
International Rectifier
|
|