PART |
Description |
Maker |
FRK9260R FRK9260D FRK9260H |
26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs 26 A, 200 V, 0.2 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AE 26A/ -200V/ 0.200 Ohm/ Rad Hard/ P-Channel Power MOSFETs
|
Intersil, Corp. INTERSIL[Intersil Corporation] http://
|
FRL9230D FRL9230R FRL9230H FN3245 |
From old datasheet system 3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs 3A/ -200V/ 1.30 Ohm/ Rad Hard/ P-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
FRM230R FRM230D FRM230H |
8A/ 200V/ 0.50 Ohm/ Rad Hard/ N-Channel Power MOSFETs 8A, 200V, 0.50 Ohm, Rad Hard, N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
FRL230R FRL230D FRL230H |
5A/ 200V/ 0.500 Ohm/ Rad Hard/ N-Channel Power MOSFETs 5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
JANSR2N7396 |
5A/ 200V/ 0.460 Ohm/ Rad Hard/ N-Channel Power MOSFET 5A, 200V, 0.460 Ohm, Rad Hard, N-Channel Power MOSFET
|
Intersil Corporation
|
JANSR2N7404 FN4491 |
From old datasheet system 15A, -200V, 0.290 Ohm, Rad Hard, P-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|
IRF9240 |
CAP CER 250VAC 100PF X7R 1808 11 A, 200 V, 0.5 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-204AA -11A, -200V, 0.500 Ohm, P-Channel Power MOSFET -11A -200V 0.500 Ohm P-Channel Power MOSFET 11A/ -200V/ 0.500 Ohm/ P-Channel Power MOSFET
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
STU26NM60 STU26NM60I |
26 A, 600 V, 0.135 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 26A I(D) | TO-220VAR 晶体管| MOSFET的| N沟道| 600V的五(巴西)直|6A条(丁)|20VAR N-CHANNEL 600V 0.125 OHM 26A TO-247/MAX220/MAX220I ZENER-PROTECTED MDMESH POWER MOSFET
|
STMICROELECTRONICS Integrated Device Technology, Inc. SGS Thomson Microelectronics
|
IRF630 FN1578 RF1S630SM |
9A, 200V, 0.400 Ohm, N-Channel Power MOSFETs 9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 9A/ 200V/ 0.400 Ohm/ N-Channel Power MOSFETs From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
IDT72V3640L75PF IDT72V3650L75PF IDT72V3690L75PF ID |
3.3 VOLT HIGH-DENSITY SUPERSYNC?/a> II 36-BIT FIFO 3.3 VOLT HIGH-DENSITY SUPERSYNCII 36-BIT FIFO 32K X 36 OTHER FIFO, 6.5 ns, PQFP128 RECTIFIER STANDARD SINGLE 1A 200V 200 30A-ifsm 5uA-ir 1V-vf DO-41 5K/REEL-13 8K X 36 OTHER FIFO, 10 ns, PQFP128 Five Channel 4th Order Standard Definition Video Filter Driver; Package: TSSOP; No of Pins: 14; Container: Tape & Reel 16K X 36 OTHER FIFO, 10 ns, PQFP128 DIODE-RECT, CONTROL PIV=200V, IO>.75A 8K X 36 OTHER FIFO, 6.5 ns, PQFP128 CAP 4700PF 100V 10% X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAP 470PF 200V 10% X7R RAD.20 .20X.20 BULK M-MIL-PRF-39014 CAP 0.033UF 50V 10% X7R RAD.20 .20X.20 TR-16 M-MIL-PRF-39014 STANDOFF 3.3 VOLT HIGH-DENSITY SUPERSYNC??II 36-BIT FIFO
|
Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IRFD9220 FN2286 |
600 mA, 200 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET 0.6A, 200V, 1.500 Ohm, P-Channel Power MOSFET From old datasheet system 0.6A/ 200V/ 1.500 Ohm/ P-Channel Power MOSFET
|
Intersil Corporation
|
FQPF10N20C FQPF10N20CNL |
200V N-Channel Advance Q-FET C-Series 200V N-Channel MOSFET 9.5 A, 200 V, 0.36 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
|