PART |
Description |
Maker |
IRF644N IRF644NL IRF644NS IRF644 IRF644NSTRR |
250V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=250V, Rds(on)=240mohm, Id=14A) Power MOSFET(Vdss=250V/ Rds(on)=240mohm/ Id=14A) TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 14A I(D) | TO-263AB 晶体管| MOSFET的| N沟道| 250V五(巴西)直|4A条(丁)|63AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
FQI6N25 FQB6N25 FQB6N25TM |
250V N-Channel QFET 250V N-Channel MOSFET 5.5 A, 250 V, 1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IRFP244B IRFP244BFP001 |
250V N-Channel B-FET / Substitute of IRFP244 & IRFP244A 250V N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
IRF634B IRFS634B IRF634BFP001 |
250V N-Channel B-FET / Substitute of IRF634 & IRF634A 250V N-Channel MOSFET
|
Samsung semiconductor FAIRCHILD[Fairchild Semiconductor]
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB16NB25 STB16NB25T4 |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 7A I(D) | TO-263AB N - CHANNEL 250V - 0.220ohm - 16A - TO-263 PowerMESH] MOSFET N - CHANNEL 250V - 0.220Ohm - 16A - TO-263 PowerMESH MOSFET
|
意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
IRFU214A IRFR214A |
TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-251AA TRANSISTOR | MOSFET | N-CHANNEL | 250V V(BR)DSS | 2.2A I(D) | TO-252AA 晶体管| MOSFET的| N沟道| 250V五(巴西)直| 2.2AI(四)|52AA
|
Intersil, Corp.
|
IRFP264N IRFP264NPBF |
250V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=250V, Rds(on)=60mohm, Id=44A)
|
IRF[International Rectifier]
|
STD4NS25 7408 |
N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY MOSFET N-CHANNEL 250V - 0.9ohm - 4A DPAK/IPAK MESH OVERLAY⑩ MOSFET From old datasheet system N-CHANNEL 500V - 2.4 OHM - 3A TO-220/TO-220FP/DPAK/IPAK ZENER-PROTECTED SUPERMESH POWER MOSFET
|
STMicroelectronics
|
FDI33N25 |
250V N-Channel MOSFET 250V N沟道MOSFET
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
IRFI9634G |
-250V Single P-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package HEXFET? Power MOSFET Power MOSFET(Vdss=-250V Rds(on)=1.0ohm Id=-4.1A) Power MOSFET(Vdss=-250V, Rds(on)=1.0ohm, Id=-4.1A)
|
IRF[International Rectifier]
|