PART |
Description |
Maker |
FCPF22N60NT FCP22N60N |
N-Channel MOSFET 600V, 22A, 0.165W 600V N-Channel MOSFET, SupreMOS™; 3-TO-220 22 A, 600 V, 0.165 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
IRFBC30AS IRFBC30L IRFBC30AL IRFBC30ASTRL IRFBC30A |
600V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 600V Single N-Channel HEXFET Power MOSFET in a TO-262 package HEXFET? Power MOSFET Power MOSFET(Vdss=600V/ Rds(on)max=2.2ohm/ Id=3.6A) 600V,3.6A,N-Channel HEXFET Power MOSFET for SMPS(600V,3.6A,N沟道 HEXFET 功率MOS场效应管,用于开关模式电 Power MOSFET(Vdss=600V, Rds(on)max=2.2ohm, Id=3.6A) 功率MOSFET(减振钢板基本\u003d 600V电压的Rds(on)最大值\u003d 2.2ohm,身份证\u003d 3.6A
|
IRF[International Rectifier] International Rectifier, Corp.
|
STD1NC60 STD1NC60T4 STD1NC60-1 |
N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh⑩II MOSFET N沟道600V 7ohm - 1.4A的DPAK /像是iPak PowerMesh第二MOSFET的⑩ N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMesh?II MOSFET N-CHANNEL 600V - 7ohm - 1.4A - DPAK/IPAK PowerMeshII MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET N-CHANNEL 600V 7 OHM 1.4A DPAK/IPAK POWERMESH II MOSFET
|
STMicroelectronics N.V. 意法半导 ST Microelectronics
|
STP4NC60A STP4NC60AFP STB4NC60A-1 |
N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh?II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMeshII MOSFET N-CHANNEL 600V 1.8 OHM 4.2A TO-220/TO-220FP/I2PAK POWERMESH II MOSFET N-CHANNEL 600V - 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh⑩II MOSFET 32BIT MCU,GPT,SIM,QSM N沟道600V 1.8ohm - 4.2A TO-220/TO-220FP/I2PAK PowerMesh第二MOSFET的⑩
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
IRFU1N60A IRFR1N60A IRFR1N60ATR IRFR1N60ATRL IRFR1 |
600V Single N-Channel HEXFET Power MOSFET in a D-Pak package 600V Single N-Channel HEXFET Power MOSFET in a I-Pak package SMPS MOSFET Power MOSFET(Vdss=600V, Rds(on)max=7.0ohm, Id=1.4A)
|
IRF[International Rectifier]
|
FQD3N60CTMWS FQU3N60C |
N-Channel QFETMOSFET 600V, 2.4A, 3.4 N-Channel QFET® MOSFET 600V, 2.4A, 3.4Ohms
|
Fairchild Semiconductor
|
STE40NC60 |
N-CHANNEL 600V 0.098 OHM 40A ISOTOP POWERMESH II POWER MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh⑩II MOSFET N-CHANNEL 600V - 0.098ohm - 40A ISOTOP PowerMesh?II MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
IRFIBC40GLC IRFIBC40GLCPBF |
600V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=3.5A)
|
IRF[International Rectifier]
|
STB13NK60Z05 STP13NK60Z STP13NK60ZFP STW13NK60Z ST |
N-CHANNEL 600V-0.48ヘ-13A-TO-220/FP-D?/I?PAK-TO-247 Zener-Protected SuperMESH⑩ MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH?/a> MOSFET N-CHANNEL 600V-0.48Ω-13A-TO-220/FP-D2/I2PAK-TO-247 Zener-Protected SuperMESH MOSFET N-CHANNEL 600V-0.48楼?-13A-TO-220/FP-D漏梅/I漏梅PAK-TO-247 Zener-Protected SuperMESH垄芒 MOSFET
|
STMicroelectronics
|
FCH20N60NBSP FCA20N60NBSP FCH20N60 FCA20N60 |
600V N-Channel SuperFET 600V N-Channel MOSFET From old datasheet system
|
Fairchild Semiconductor
|
FQI10N60C FQB10N60C FQB10N60CTM FQI10N60CTU |
600V N-Channel MOSFET 600V N-Channel Advance Q-FET C-Series
|
http:// FAIRCHILD[Fairchild Semiconductor]
|