PART |
Description |
Maker |
FQD30N06L FQU30N06L FQU30N06LTU FQD30N06LTF |
60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FQD20N06L FQU20N06L FQU20N06LTU FQD20N06LTF FQD20N |
60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
FQB30N06L FQB30N06LTM |
60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FQT13N06L FQT13N06LTF FQT13N06LL99Z |
60V LOGIC N-Channel MOSFET 60V N-Channel Logic level QFET 60V LOGIC N-Channel MOSFET 2800 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
RFT3055 RFT3055LE HGTG20N120CND FN4537 |
2.0A, 60V, 0.150 Ohm, N-Channel, Logic Level, ESD Rated, Power MOSFET 2.0安培0V的,0.150 Ohm的N通道,逻辑层次,额定静电,功率MOSFET 2.0A/ 60V/ 0.150 Ohm/ N-Channel/ Logic Level/ ESD Rated/ Power MOSFET 63A, 1200V, NPT Series N-Channel IGBT with Anti-Parallel Hyperfast Diode 2.0A 60V 0.150 Ohm N-Channel Logic Level ESD Rated Power MOSFET From old datasheet system
|
Fairchild Semiconductor, Corp. INTERSIL[Intersil Corporation]
|
HUF76439P3 HUF76439S3S HUF76439S3ST |
71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFET Power MOSFET 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-TSSOP -40 to 85 75 A, 60 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 71A, 60V, 0.014Ohm, N-Channel, Logic Lvl UltraFET Power MOSFET 71A, 60V, 0.014 Ohm, N-Channel, Logic Level UltraFETPower MOSFET
|
Fairchild Semiconductor, Corp. Intersil, Corp.
|
HUFA76413D3 HUFA76413D3S HUFA76413D3ST |
20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFETPower MOSFETs 20A/ 60V/ 0.056 Ohm/ N-Channel/ Logic Level UltraFET Power MOSFETs 20A, 60V, 0.056 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs 20 A, 60 V, 0.061 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HUF76437P3 HUF76437S3S HUF76437S3ST |
64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp.
|
HUF76429S3S HUF76429P3 HUF76429P3NL HUF76429S3ST |
44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFETPower MOSFET 44A, 60V, 0.025 Ohm, N-Channel, Logic Level UltraFET Power MOSFET Dual Differential Drivers And Receivers 16-TSSOP -40 to 85 47 A, 60 V, 0.025 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
HUF76437S3S FN4709 HUF76437P3 |
Dual Differential Drivers and Receivers With /-15-kV IEC ESD Protection 16-SO -40 to 85 71 A, 60 V, 0.017 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET From old datasheet system 64A, 60V, 0.017 Ohm, N-Channel, Logic Level UltraFET Power MOSFET
|
Intersil, Corp. Intersil Corporation
|
|