PART |
Description |
Maker |
FNP850-12R FNP1000-48 FNP600 FNP600-12 FNP600-48 F |
600-to-5000-Watt Front-End Power Solutions
|
POWER-ONE[Power-One]
|
DPF600-9617 DPF600 |
Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
|
ARTESYN[Artesyn Technologies]
|
T7024-TRS T7024 T7024-PGP T7024-PGQ T7024-TRQ |
The T7024 is a monolithic SiGe transmit/receive front-end IC with power amplifier, low-noise amplifier and T/R switch driver. It is especially designed for operation in TDMA systems like Bluetooth and WDCT. BluetoothISM 2.4-GHz Front- End IC Bluetooth?ISM 2.4-GHz Front- End IC Bluetooth⑩/ISM 2.4-GHz Front- End IC Bluetooth/ISM 2.4-GHz Front- End IC
|
Atmel Corp. ATMEL[ATMEL Corporation]
|
LCM600C LCM600E LCM600N LCM600L LCM600Q LCM600U LC |
600 Watts Bulk Front End
|
Emerson Network Power
|
CAR4000 |
4000 Watt 24 / 48V Front End
|
Lineage Power
|
MC13025D MC13025P MC13025_D ON0820 |
From old datasheet system ETR) FRONT END for C-UAM) AM STEREO Electronically Tuned Radio Front End
|
Motorola, Inc. ON Semi
|
BA4425F A5801018 BA4425 |
Audio LSIs > High frequency signal processing > Front end From old datasheet system FM / TV front end
|
ROHM[Rohm] Rohm CO.,LTD.
|
AD9861BCPRL-50 AD9861BCPRL-80 AD9861-80EB AD9861BC |
Mixed-Signal Front-End (MxFE? Baseband Transceiver for Broadband Applications 10-Bit Mixed-Signal Front-End (MxFE®)Processor; Package: LFCSP (9x9mm, 7.10 exposed pad); No of Pins: 64; Temperature Range: Industrial SPECIALTY TELECOM CIRCUIT, QCC64 Mixed-Signal Front-End (MxFE) Baseband Transceiver for Broadband Applications Mixed-Signal Front-End Baseband Transceiver for Broadband Applications
|
Analog Devices, Inc.
|
SMBJ5V0 SMBJ7.0A SMBJ5.0A SMBJ6.0A SMBJ90A SMBJ100 |
DEVICES FOR BIPOLAR APPLICATIONS 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:17V)(600W瞬变电压抑制反向隔离电压17V 600 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:9.0V)(600W瞬变电压抑制反向隔离电压9.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.0V)(600W瞬变电压抑制反向隔离电压8.0V 600 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-214AA 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:7.5V)(600W瞬变电压抑制反向隔离电压7.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.5V)(600W瞬变电压抑制反向隔离电压6.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:6.0V)(600W瞬变电压抑制反向隔离电压6.0V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:8.5V)(600W瞬变电压抑制反向隔离电压8.5V 600 Watt Transient Voltage Suppressor(Reverse Stand-off Voltage:22V)(600W瞬变电压抑制反向隔离电压2V 600 Watt Transient Voltage Suppressors
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] http://
|
TDA7521 6149 |
ANALOG FRONT END Analog Front End From old datasheet system
|
STMicroelectronics ST Microelectronics
|
AD9975 AD9975ABST AD9975ABSTRL AD9975ABSTEB AD9975 |
Integrated Single Supply Broadband Modem Mixed Signal Front End (MxFE™) Broadband Modem Mixed-Signal Front End
|
AD[Analog Devices]
|