PART |
Description |
Maker |
CPD07 |
Chip Form: RECTIFIER CHIP General Purpose Rectifier 8 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|
FM207-L FM201-L FM202-L FM203-L FM204-L FM205-L FM |
Chip Silicon Rectifier - Glass passivated type
|
FORMOSA[Formosa MS]
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
EFM301L EFM302L EFM303L EFM304L EFM305L EFM306L EF |
3 A, 150 V, SILICON, RECTIFIER DIODE 3 A, 600 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER VOLTAGE RANGE 50 to 600 Volts CURRENT 3.0 Ampere 3 A, 200 V, SILICON, RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
RBU801M RBU801M10 RBU804M RBU805M RBU806M RBU801M- |
8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 8.0 Amperes 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE
|
RECTRON LTD Rectron Semiconductor
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
FFM202L FFM201L FFM203L FFM204L |
2 A, 400 V, SILICON, RECTIFIER DIODE SURFACE MOUNT GLASS PASSIVATED FAST RECOVERY SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere 2 A, 200 V, SILICON, RECTIFIER DIODE
|
Rectron Semiconductor RECTRON LTD
|
SFAF801G10 SFAF805G SFAF804G SFAF803G |
Isolated 8.0 AMPS. Glass Passivated Super Fast Rectifiers 8 A, 300 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 200 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 50 V, SILICON, RECTIFIER DIODE, TO-220AC 8 A, 150 V, SILICON, RECTIFIER DIODE, TO-220AC
|
Taiwan Semiconductor Company, Ltd
|
CPD16 |
Ultra Fast Rectifier 1.0 Amp Glass Passivated Rectifier Chip
|
http:// Central Semiconductor Corp
|
CPD18 |
ULTRA FAST RECTIFIER 8 Amp GLASS PASSIVATED RECTIFIER CHIP
|
http:// Central Semiconductor Corp
|
CPD24 |
Fast Recovery Rectifier 1.0 Amp Glass Passivated Rectifier Chip
|
Central Semiconductor Corp
|