PART |
Description |
Maker |
PDIP |
Amkor’s PDIP packages offer Amkor’s PDIP packages offer
|
Amkor Technology
|
DSOX2APPBNDL DSOXT3APPBNDL |
Application Bundles Offer Big Savings
|
Keysight Technologies
|
SMD0805P075TS SMD0805 SMD0805P010TS SMD0805P020TS |
These devices offer wide range in hold currents from 0.1 A to 1.0 A and voltages from 6 V to 15 V
|
Littelfuse
|
PDBFS204 PDBFS220 PDBFS500 PDBFS504 PDBFS303 PDBFS |
Enclosed Power Distribution Block Offer High SCCR
|
http:// Cooper Bussmann, Inc.
|
018-220 012-220 048-250 005-220 003-250 N68F N68FA |
Slim type and small occupying area can offer high density P.C.B. technique Slim type and small occupying area can offer high density P.C.B. technique.
|
HuaXinAn Electronics CO.,LTD HuaXinAn Electronics CO...
|
OSLA03X3M00 |
Replaceable for conventional halogen lamp, offer long life time, high efficiency, eco-friendly products.
|
OptoSupply International
|
MAX6316LUK30AY-T MAX6321HPUK30AY-T MAX6320PUK30AY- |
Versatile Customizable SOT Reset Watchdog ICs Offer 3224 Unique Options[Japanese] 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 Versatile Customizable SOT Reset Watchdog ICs Offer 3224 Unique Options[Japanese] 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 FAN AC 120 X 25 115/220V, 60cfm 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5
|
Maxim Integrated Products, Inc. Pletronics MAXIM INTEGRATED PRODUCTS INC
|
KS86P6104 KS86C6104 |
SAM87RI family of 8-bit single-chip CMOS microcontrollers offer fast and efficient CPU, a wide range of integrated peripherals, and supports OTP devic
|
Samsung semiconductor
|
REC15-XX12SZ/H/M REC15-XX3.4S/H/M REC15-XX3.4SZ/H/ |
The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1 package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications. The REC15-xxxxS_D/M -series offer single and dual regulated outputs in a 2”x1?package with 2kVDC or 3kVDC isolation options and are suitable for higher power industrial applications.
|
Recom International Power Recom International Pow...
|
MCP6S22-I/MS MCP6S22-I/P MCP6S22-I/SN MCP6S26-I/P |
Designs with multiple signals Designs that need to be calibrated over time and temperature AutomotiveInstrumentationIndustrial applications The MCP6S21, MCP6S22, MCP6S26, and MCP6S28 Programmable Gain Amplifiers offer 1, 2, 6 or 8 input channels respectively and eight ...
|
Microchip
|