PART |
Description |
Maker |
ISL9N304AP3 ISL9N304AS3ST ISL9N304AS3STL86Z |
75 A, 30 V, 0.0045 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB N-Channel Logic Level UltraFET Trench MOSFETs 30V, 75A, 4.5m?/a> N-Channel Logic Level UltraFET Trench MOSFETs 30V/ 75A/ 4.5m N-CHANNEL LOGIC LEVEL ULTRAFET TRENCH MOSFETS 30V, 75A, 4.5Mз N-Channel Logic Level UltraFET R Trench MOSFETs 30V, 75A, 4.5mOhm
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor]
|
FDB883210 FDB8832-F085 FDB8832F085 |
30V N-Channel Logic Level PowerTrenchMOSFET N-Channel Logic Level PowerTrench? MOSFET 30V, 80A, 2.1mΩ
|
Fairchild Semiconductor
|
FDC658AP |
Single P-Channel Logic Level PowerTrenchMOSFET -30V, -4A, 50mOhm
|
Fairchild Semiconductor Corporation
|
HP4410DY HP4410 |
10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
HUF76132S3S HUF76132P3 FN4553 76132P |
75A, 30V, 0.011 Ohm, N-Channel, Logic Level UltraFET Power MOSFETs(75A, 30V, 0.011 Ω,N沟道,逻辑电平,UltraFET功率MOS场效应管) Dual, Precision JFET High Speed Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 75A 30V 0.011 Ohm N-Channel Logic Level UltraFET Power MOSFETs From old datasheet system
|
INTERSIL[Intersil Corporation]
|
SI4420DY SI4420DYNL |
30V N-Channel PowerTrench MOSFET Single N-Channel Logic Level PowerTrencha MOSFET
|
Fairchild Semiconductor Corporation
|
FDD6632 |
N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mз 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET Trench Power MOSFET 30V/ 9A/ 90m N-Channel Logic Level UltraFET Trench Power MOSFET 30V, 9A, 90mOhm
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FQD60N03L FQD60N03LTM |
30V N-Channel Logic Level MOSFETs N-Channel Logic Level MOSFETs 30V, 30A, 0.023ohm
|
Fairchild Semiconductor Corporation
|
ISL9N322AD3ST |
POWER SUP SWITCHER 41W 5.1V MED 20 A, 30 V, 0.022 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252AA N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 з N-Channel Logic Level UltraFET Trench MOSFET 30V 20A 0.022 N-Channel Logic Level UltraFET Trench MOSFET 30V, 20A, 0.022 ?
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
ITF86172SK8T FN4809 |
10A, 30V, 0.016 Ohm, P-Channel, Logic 10A, 30V, 0.016 Ohm, P-Channel, Logic From old datasheet system
|
Intersil
|
FDB8878 |
N-Channel Logic Level PowerTrench? MOSFET 30V, 48A, 14mOhm N-Channel Logic Level PowerTrench㈢ MOSFET 30V, 48A, 14mOhm
|
FAIRCHILD[Fairchild Semiconductor]
|
|