PART |
Description |
Maker |
FDB060AN08A0 FDP060AN08A0 FDP060AN08A0NL FDB060AN0 |
N-Channel PowerTrench MOSFET 75V, 80A, 6.0m?/a> N-Channel PowerTrench MOSFET 75V, 80A, 6.0mз Discrete Automotive N-Channel PowerTrench MOSFET, 75V, 80A, 0.006 Ohms @ VGS = 10V, TO-220AB Package Discrete Automotive N-Channel PowerTrench MOSFET, 75V, 80A, 0.006 Ohms @ VGS = 10V, TO-263/D2PAK Package
|
FAIRCHILD[Fairchild Semiconductor]
|
HI9P508-5 HI9P508-9 HI3-506-5 HI3-508-5 HI3-507-5 |
8-Channel Analog Multiplexer 16-Channel Analog Multiplexer Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 538-0001-7 43; Contact Mating Area Plating: Tin 4-Channel Analog Multiplexer 4通道模拟多路复用
|
Electronic Theatre Controls, Inc. Intersil, Corp.
|
AND8349-D AND8220-D AND8223-D AND8391-D AND8222-D |
Automotive Applications The Use of Discrete Automotive Applications The Use of Discrete
|
ON Semiconductor
|
2SJ221 |
Box-shaped pin header, Discrete wire crimping connection, Discrete wire connectors; HRS No: 543-0611-3 05; No. of Positions: 8; Connector Type Silicon P-Channel MOS FET
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor]
|
HUFA75332S3S HUFA75332G3 HUFA75332P3 HUFA75332S3ST |
66A/ 55V/ 0.016 Ohm. N-Channel UltraFET Power MOSFETs Discrete Automotive N-Channel UltraFET Power MOSFET, 55V, 60A, 0.019 Ohm @ Vgs = 10V, T0263/D2PAK Package 60A, 55V, 0.019 Ohm, N-Channel UltraFET Power MOSFETs
|
FAIRCHILD[Fairchild Semiconductor]
|
12061C104M4T2A 12061C103K4T2A 08051C104K4T2A 0402Y |
Automotive MLCC Automotive AVX Corporation has supported the Automotive Industry requirements for Multilayer Ceramic Capacitors consistently for more than 10 years. Automotive MLCC Automotive MLCC Automotive
|
AVX Corporation
|
IXTH24N50Q IXTT24N50Q |
Discrete MOSFETs: Standard N-channel Types N-Channel Enhancement Mode
|
IXYS Corporation
|
IXTQ96N15P IXTT96N15P |
Discrete MOSFETs: Standard N-channel Types N-Channel Enhancement Mode Preliminary Data Sheet
|
IXYS Corporation
|
CMLM0205 |
MULTI DISCRETE MODULESURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE 280 mA, 60 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Central Semiconductor, Corp.
|
GT30J341 |
Discrete IGBTs Silicon N-Channel IGBT
|
Toshiba Semiconductor
|